Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF081A Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # AT25DF081A
Description  8-Mbit 2.7V Minimum SPI Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF081A Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button AT25DF081A Datasheet HTML 39Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 40Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 41Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 42Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 43Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 44Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 45Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 46Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
43
8715C–SFLSH–1/2013
AT25DF081A
14.
Electrical Specifications
14.1 Absolute Maximum Ratings*
14.2 DC and AC Operating Range
14.3 DC Characteristics
Temperature under Bias ........................-55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Abso-
lute Maximum Ratings” may cause perma-
nent damage to the device. This is a stress
rating only and functional operation of the
device at these or any other conditions
beyond those indicated in the operational
sections of this specification is not implied.
Exposure to absolute maximum rating con-
ditions for extended periods may affect
device reliability.
Storage Temperature.............................-65°C to +150°C
All Input Voltages
(including NC Pins)
with Respect to Ground............................-0.6V to +4.1V
All Output Voltages
with Respect to Ground....................-0.6V to VCC + 0.5V
AT25DF081A
Operating Temperature (Case)
Ind.
-40°C to 85°C
VCC Power Supply
2.7V to 3.6V
Symbol
Parameter
Condition
Min
Typ
Max
Units
ISB
Standby Current
CS, WP, HOLD = VCC,
all inputs at CMOS levels
25
50
μA
IDPD
Deep Power-down Current
CS, WP, HOLD = VCC,
all inputs at CMOS levels
510
μA
ICC1
Active Current, Read Operation
f = 100MHz; IOUT = 0mA;
CS = VIL, VCC = Max
17
20
mA
f = 85MHz; IOUT = 0mA;
CS = VIL, VCC = Max
16
19
f = 66MHz; IOUT = 0mA;
CS = VIL, VCC = Max
15
18
f = 50MHz; IOUT = 0mA;
CS = VIL, VCC = Max
14
17
f = 33MHz; IOUT = 0mA;
CS = VIL, VCC = Max
13
16
f = 20MHz; IOUT = 0mA;
CS = VIL, VCC = Max
12
15
ICC2
Active Current, Program Operation
CS = VCC, VCC = Max
10
15
mA
ICC3
Active Current, Erase Operation
CS = VCC, VCC = Max
12
18
mA
ILI
Input Leakage Current
VIN = CMOS levels
1
μA
ILO
Output Leakage Current
VOUT = CMOS levels
1
μA
VIL
Input Low Voltage
0.3 x VCC
V
VIH
Input High Voltage
0.7 x VCC
V
VOL
Output Low Voltage
IOL = 1.6mA; VCC = Min
0.4
V
VOH
Output High Voltage
IOH = -100μA; VCC = Min
VCC - 0.2V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com