Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF081A Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # AT25DF081A
Description  8-Mbit 2.7V Minimum SPI Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF081A Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button AT25DF081A Datasheet HTML 33Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 34Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 35Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 36Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 37Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 38Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 39Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 40Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
37
8715C–SFLSH–1/2013
AT25DF081A
12.
Other Commands and Functions
12.1 Reset
In some applications, it may be necessary to prematurely terminate a program or erase cycle early rather than wait
the hundreds of microseconds or milliseconds necessary for the program or erase operation to complete normally.
The Reset command allows a program or erase operation in progress to be ended abruptly and returns the device
to an idle state. Since the need to reset the device is immediate, the Write Enable command does not need to be
issued prior to the Reset command being issued. Therefore, the Reset command operates independently of the
state of the WEL bit in the Status Register.
The Reset command can only be executed if the command has been enabled by setting the Reset Enabled
(RSTE) bit in the Status Register to a logical “1”. If the Reset command has not been enabled (the RSTE bit is in
the logical “0” state), then any attempts at executing the Reset command will be ignored.
To perform a Reset, the CS pin must first be asserted and the opcode of F0h must be clocked into the device. No
address bytes need to be clocked in, but a confirmation byte of D0h must be clocked into the device immediately
after the opcode. Any additional data clocked into the device after the confirmation byte will be ignored. When the
CS pin is deasserted, the program or erase operation currently in progress will be terminated within a time of tRST.
Since the program or erase operation may not complete before the device is reset, the contents of the page being
programmed or the block being erased cannot be guaranteed to be valid.
The Reset command has no effect on the states of the Sector Protection Registers, the Sector Lockdown Regis-
ters, or the SPRL, RSTE, and SLE bits in the Status Register. The WEL, PS, and ES bits, however, will be reset
back to their default states.
The complete opcode and confirmation byte must be clocked into the device before the CS pin is deasserted, and
the CS pin must be deasserted on an even byte boundary (multiples of eight bits); otherwise, no Reset operation
will be performed.
Figure 12-1. Reset
SCK
CS
SI
SO
MSB
23
1
0
1111000
67
5
4
OPCODE
CONFIRMATION BYTE IN
10 11
9
814 15
13
12
0
MSB
110100
0
0
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com