Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF081A Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # AT25DF081A
Description  8-Mbit 2.7V Minimum SPI Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF081A Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button AT25DF081A Datasheet HTML 15Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 16Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 17Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 18Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 19Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 20Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 21Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 22Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
19
8715C–SFLSH–1/2013
AT25DF081A
9.3
Protect Sector
Every physical 64-Kbyte sector of the device has a corresponding single-bit Sector Protection Register that is used
to control the software protection of a sector. Upon device power-up, each Sector Protection Register will default to
the logical “1” state indicating that all sectors are protected and cannot be programmed or erased.
Issuing the Protect Sector command to a particular sector address will set the corresponding Sector Protection
Register to the logical “1” state. The following table outlines the two states of the Sector Protection Registers.
Before the Protect Sector command can be issued, the Write Enable command must have been previously issued
to set the WEL bit in the Status Register to a logical “1”. To issue the Protect Sector command, the CS pin must
first be asserted and the opcode of 36h must be clocked into the device followed by three address bytes designat-
ing any address within the sector to be protected. Any additional data clocked into the device will be ignored. When
the CS pin is deasserted, the Sector Protection Register corresponding to the physical sector addressed by A23-
A0 will be set to the logical “1” state, and the sector itself will then be protected from program and erase operations.
In addition, the WEL bit in the Status Register will be reset back to the logical “0” state.
The complete three address bytes must be clocked into the device before the CS pin is deasserted, and the CS pin
must be deasserted on an even byte boundary (multiples of eight bits); otherwise, the device will abort the opera-
tion. When the device aborts the Protect Sector operation, the state of the Sector Protection Register will be
unchanged, and the WEL bit in the Status Register will be reset to a logical “0”.
As a safeguard against accidental or erroneous protecting or unprotecting of sectors, the Sector Protection Regis-
ters can themselves be locked from updates by using the SPRL (Sector Protection Registers Locked) bit of the
Status Register (please refer to the Status Register description for more details). If the Sector Protection Registers
are locked, then any attempts to issue the Protect Sector command will be ignored, and the device will reset the
WEL bit in the Status Register back to a logical “0” and return to the idle state once the CS pin has been
deasserted.
Figure 9-3.
Protect Sector
Table 9-1.
Sector Protection Register Values
Value
Sector Protection Status
0
Sector is unprotected and can be programmed and erased.
1
Sector is protected and cannot be programmed or erased. This is the default state.
SCK
CS
SI
SO
MSB
MSB
23
1
0
00110110
67
5
410 11
9
812
31
29 30
27 28
26
OPCODE
AAAA
AAA
A
A
A
A
A
ADDRESS BITS A23-A0
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com