Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF081A Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # AT25DF081A
Description  8-Mbit 2.7V Minimum SPI Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF081A Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button AT25DF081A Datasheet HTML 25Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 26Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 27Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 28Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 29Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 30Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 31Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 32Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
29
8715C–SFLSH–1/2013
AT25DF081A
The three address bytes and at least one complete byte of data must be clocked into the device before the CS pin
is deasserted, and the CS pin must be deasserted on even byte boundaries (multiples of eight bits); otherwise, the
device will abort the operation and the user-programmable portion of the OTP Security Register will not be pro-
grammed. The WEL bit in the Status Register will be reset back to the logical “0” state if the OTP Security Register
program cycle aborts due to an incomplete address being sent, an incomplete byte of data being sent, the CS pin
being deasserted on uneven byte boundaries, or because the user-programmable portion of the OTP Security
Register was previously programmed.
While the device is programming the OTP Security Register, the Status Register can be read and will indicate that
the device is busy. For faster throughput, it is recommended that the Status Register be polled rather than waiting
the tOTPP time to determine if the data bytes have finished programming. At some point before the OTP Security
Register programming completes, the WEL bit in the Status Register will be reset back to the logical “0” state.
If the device is powered-down during the OTP Security Register program cycle, then the contents of the 64-byte
user programmable portion of the OTP Security Register cannot be guaranteed and cannot be programmed again.
The Program OTP Security Register command utilizes the internal 256-buffer for processing. Therefore, the con-
tents of the buffer will be altered from its previous state when this command is issued.
Figure 10-4. Program OTP Security Register
SCK
CS
SI
SO
MSB
MSB
23
1
0
10011011
67
5
49
839
37 38
33
36
35
34
31 32
29 30
OPCODE
HIGH-IMPEDANCE
AA
AAA
A
MSB
DDDDDDD
D
ADDRESS BITS A23-A0
DATA IN BYTE 1
MSB
DDDDDDD
D
DATA IN BYTE n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com