Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF081A Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # AT25DF081A
Description  8-Mbit 2.7V Minimum SPI Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF081A Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button AT25DF081A Datasheet HTML 14Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 15Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 16Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 17Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 18Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 19Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 20Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 21Page - List of Unclassifed Manufacturers AT25DF081A Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
18
8715C–SFLSH–1/2013
AT25DF081A
9.2
Write Disable
The Write Disable command is used to reset the Write Enable Latch (WEL) bit in the Status Register to the logical
"0" state. With the WEL bit reset, all Byte/Page Program, erase, Protect Sector, Unprotect Sector, Sector Lock-
down, Freeze Sector Lockdown State, Program OTP Security Register, and Write Status Register commands will
not be executed. Other conditions can also cause the WEL bit to be reset; for more details, refer to the WEL bit
section of the Status Register description.
To issue the Write Disable command, the CS pin must first be asserted and the opcode of 04h must be clocked
into the device. No address bytes need to be clocked into the device, and any data clocked in after the opcode will
be ignored. When the CS pin is deasserted, the WEL bit in the Status Register will be reset to a logical “0”. The
complete opcode must be clocked into the device before the CS pin is deasserted, and the CS pin must be deas-
serted on an even byte boundary (multiples of eight bits); otherwise, the device will abort the operation and the
state of the WEL bit will not change.
Figure 9-2.
Write Disable
SCK
CS
SI
SO
MSB
23
1
0
00000100
67
5
4
OPCODE
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com