Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAR-F5CH-856M50-L2DM-R Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # FAR-F5CH-856M50-L2DM-R
Description  Piezoelectric SAW BPF (700 to 1000 MHz)
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-F5CH-856M50-L2DM-R Datasheet(HTML) 4 Page - fujitsu semiconductor

  FAR-F5CH-856M50-L2DM-R Datasheet HTML 1Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 2Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 3Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 4Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 5Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 6Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 7Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 8Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4
F5CH Series (L2 type)
s ELECTRIC CHARACTERISTICS
1.
AMPS/ADC (Tx)
Part number: FAR-F5CH-836M50-L2AL
(Ta = –30 to +85
°C)
2.
AMPS/ADC (Tx) High Attenuation Type
Part number: FAR-F5CH-836M50-L2AW
(Ta = –30 to +85
°C)
3.
AMPS/ADC (Rx)
Part number: FAR-F5CH-881M50-L2AM
(Ta = –30 to +85
°C)
Parameter
Symbol
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
IL
824 to 849 MHz
—1.6
2.5
dB
Inband ripple
—
824 to 849 MHz
—1.0
2.0
dB
Absolute attenuation
—
869 to 894 MHz
20
25
—
dB
Inband VSWR
—
824 to 849 MHz
—1.8
2.0
—
Parameter
Symbol
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
IL
824 to 849 MHz
—2.6
3.5
dB
Inband ripple
—
824 to 849 MHz
—1.0
2.0
dB
Absolute attenuation
—
DC to 800 MHz
28
31
—
dB
—
869 to 1049 MHz
30
38
—
dB
—
1049 to 2000 MHz
25
30
—
dB
Inband VSWR
—
824 to 849 MHz
—1.8
2.5
—
Parameter
Symbol
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
IL
869 to 894 MHz
—2.5
3.5
dB
Inband ripple
—
869 to 894 MHz
—1.0
2.0
dB
Absolute attenuation
—
DC to 849 MHz
20
24
—
dB
—
914 to 939 MHz
20
30
—
dB
—
939 to 1049 MHz
25
30
—
dB
—
1049 to 2000 MHz
20
23
—
dB
Inband VSWR
—
869 to 894 MHz
—1.8
2.0
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com