Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAR-F5CH-856M50-L2DM-R Datasheet(PDF) 32 Page - fujitsu semiconductor

Part # FAR-F5CH-856M50-L2DM-R
Description  Piezoelectric SAW BPF (700 to 1000 MHz)
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-F5CH-856M50-L2DM-R Datasheet(HTML) 32 Page - fujitsu semiconductor

Back Button FAR-F5CH-856M50-L2DM-R Datasheet HTML 28Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 29Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 30Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 31Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 32Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 33Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 34Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 35Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 36Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
32
F5CH Series (L2 type)
20. ISM900 High Attenuation Type
Part number: FAR-F5CH-915M00-L2JW
CH 1
Cor
H1d
S21
log
MAG
5 dB/
REF 0 dB
1 : –40.305 dB
2 : –2.599 dB
902 MHz
3 : –1.8834 dB
928 MHz
4 : –50.029 dB
950 MHz
CENTER 915.000 000 MHz
SPAN 300.000 000 MHz
880.000 000 MHz
1
2
3
4
CH 1
Cor
H1d
S11
1FS
/
1: 3.6599
Ω
–7.0916
Ω 25.503 pF
CENTER 915.000 000 MHz
SPAN 300.000 000 MHz
880.000 000 MHz
1
2
MU
2 : 32.848
Ω
2.959
Ω
902 MHz
3 : 43.639
Ω
2.291
Ω
928 MHz
4 : 293.53
Ω
–190.58
Ω
950 MHz
4
3
CH 1
Cor
H1d
SWR
S11/M
1/REF 1
2
3
CH 2 S22/M
Cor
H1d
SWR
1 : 14.772
2
3
880.000 000 MHz
2 : 1.5316
902 MHz
3 : 1.1561
928 MHz
4 : 8.4472
950 MHz
2 : 1.3066
902 MHz
3 : 1.1088
928 MHz
4 : 12.051
950 MHz
CENTER 915.000 000 MHz
SPAN 300.000 000 MHz
880.000 000 MHz
1 : 13.955
1/REF 1
1
1
4
4
CH 2
Cor
H1d
S22
1FS
/
1 : 3.6377
Ω
12.462
Ω
2.2538 nH
CENTER 915.000 000 MHz
SPAN 300.000 000 MHz
880.000 000 MHz
1
2
MU
2 : 39.08
Ω
–4.5469
Ω
902 MHz
3 : 45.455
Ω
–1.5313
Ω
928 MHz
4 : 7.9648
Ω
–47.561
Ω
950 MHz
4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com