Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAR-F5CH-856M50-L2DM-R Datasheet(PDF) 14 Page - fujitsu semiconductor

Part # FAR-F5CH-856M50-L2DM-R
Description  Piezoelectric SAW BPF (700 to 1000 MHz)
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-F5CH-856M50-L2DM-R Datasheet(HTML) 14 Page - fujitsu semiconductor

Back Button FAR-F5CH-856M50-L2DM-R Datasheet HTML 10Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 11Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 12Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 13Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 14Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 15Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 16Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 17Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 18Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
14
F5CH Series (L2 type)
2.
AMPS/ADC System (Tx) High Attenuation type
Part number: FAR-F5CH-836M50-L2AW
CH1
Cor
H1d
S21
log
MAG
5 dB/
REF 0 dB
1 : –38.881 dB
CENTER 835.000 000 MHz
SPAN 300.000 000 MHz
1
4
CH1
Cor
H1d
SWR
S11/M
1/REF 1
2
3
CH2 S22/M
Cor
H1d
SWR
2
CENTER 835.000 000 MHz
SPAN 300.000 000 MHz
1/REF 1
CH1
Cor
H1d
S11
1FS
1
/
3.0093
Ω
–12.233
Ω
16.262
CENTER 835.000 000 MHz
SPAN 300.000 000 MHz
MU
:
2
1
CH 2
Cor
H1d
S 22
1
FS
1 :
/
1.4099
Ω
4.0566
Ω
807.04 pH
800.000 000 MHz
MU
2
1
1
2 : 34.059
Ω
–1.8457
Ω
824 MHz
3 : 58.424
Ω
–15.971
Ω
849 MHz
4 : 8.1816
Ω
–61.648
Ω
869 MHz
2 : –2.4007 dB
824 MHz
3 : –2.6671 dB
849 MHz
4 : –56.625 dB
869 MHz
3
800.000 000 MHz
2
1
3
4
4
3
3
1 : 38.596
800.000 000 MHz
2 : 1.6753
824 MHz
3 : 1.2013
849 MHz
4 : 22.463
869 MHz
2 : 1.4721
824 MHz
3 : 1.3947
849 MHz
4 : 15.537
869 MHz
800.000 000 MHz
1 : 17.636
pF
800.000 000 MHz
2 : 29.881
Ω
0.8652
Ω
824 MHz
3 : 53.137
Ω
–8.8828
Ω
849 MHz
4 : 109.89
Ω
–328.25
Ω
869 MHz
4
4
CENTER 835.000 000 MHz
SPAN 300.000 000 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com