Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAR-F5CH-856M50-L2DM-R Datasheet(PDF) 28 Page - fujitsu semiconductor

Part # FAR-F5CH-856M50-L2DM-R
Description  Piezoelectric SAW BPF (700 to 1000 MHz)
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-F5CH-856M50-L2DM-R Datasheet(HTML) 28 Page - fujitsu semiconductor

Back Button FAR-F5CH-856M50-L2DM-R Datasheet HTML 24Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 25Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 26Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 27Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 28Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 29Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 30Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 31Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 32Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
28
F5CH Series (L2 type)
16. PDC800 System (Tx) High Attenuation Type
Part number: FAR-F5CH-950M00-L2FW
CH 1
Cor
H1d
S21
log
MAG
5 dB/
REF 0 dB
1 : –41.562 dB
CENTER 950.000 000 MHz
CENTER 950.000 000 MHz
SPAN 300.000 000 MHz
CENTER 950.000 000 MHz
SPAN 300.000 000 MHz
SPAN 300.000 000 MHz
CENTER 950.000 000 MHz
SPAN 300.000 000 MHz
810.000 000 MHz
1
2
3
4
CH 1
Cor
H1d
S11
1FS
/
1 : 1.8652
Ω
–34.996
Ω 5.6146 pF
810.000 000 MHz
1
2
MU
2 : 39.539
Ω
–750 m
Ω
940 MHz
3 : 44.113
Ω
–439.45 m
Ω
960 MHz
4 : 4.1602
Ω
–33.244
Ω
1.09 GHz
4
3
CH 1
Cor
H1d
SWR
S11 /M
1/REF 1
2
3
CH 2 S 22 /M
Cor
H1d
SWR
1: 27.568
2
3
810.000 000 MHz
2 : 1.2661
940 MHz
3 : 1.1347
960 MHz
4 : 17.342
1.09 GHz
2 : 1.1405
940 MHz
3 : 1.0583
960 MHz
4 : 13.911
1.09 GHz
1 : 39.88
1/REF 1
1
1
4
4
CH 2
Cor
H1d
S22
1FS
/
1 : 1.9976
Ω –15.933 Ω
12.332 pF
810.000 000 MHz
1
MU
2 : 43.961
Ω
–1.043
Ω
940 MHz
3 : 47.967
Ω
–1.3906
Ω
960 MHz
4 : 3.9023
Ω
–14.604
Ω
1.09 GHz
4
2 3
2 : –2.3545 dB
940 MHz
3 : –2.1358 dB
960 MHz
4 : –49.737 dB
1.09 GHz
810.000 000 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com