Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAR-F5CH-856M50-L2DM-R Datasheet(PDF) 33 Page - fujitsu semiconductor

Part # FAR-F5CH-856M50-L2DM-R
Description  Piezoelectric SAW BPF (700 to 1000 MHz)
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-F5CH-856M50-L2DM-R Datasheet(HTML) 33 Page - fujitsu semiconductor

Back Button FAR-F5CH-856M50-L2DM-R Datasheet HTML 29Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 30Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 31Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 32Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 33Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 34Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 35Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 36Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 37Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
33
F5CH Series (L2 type)
21. N-PCS (2 Way Pager) (Rx)
Part number: FAR-F5CH-935M00-L2LA
CH 1
Cor
H1d
S11
1FS
/
1: 2.4551
Ω
–27.686
Ω 6.8518 pF
839.000 000 MHz
1
2
MU
2 : 41.438
Ω
2.3457
Ω
929 MHz
3 : 44.57
Ω
0.6836
Ω
941 MHz
4 : 4.7441
Ω
–44.494
Ω
1.031 GHz
4
3
CH 1
Cor
H1d
SWR
S11/M
1/REF 1
2 3
CH 2 S22/M
Cor
H1d
SWR
1 : 24.166
2 3
839.000 000 MHz
2 : 1.2156
929 MHz
3 : 1.1235
941 MHz
4 : 18.922
1.031 GHz
2 : 1.2353
929 MHz
3 : 1.1248
941 MHz
4 : 14.345
1.031 GHz
839.000 000 MHz
1 : 26.618
1/REF 1
1
1
4
4
CH 2
Cor
H1d
S22
1FS
/
1: 2.1787
Ω
–11.531
Ω 16.451 pF
839.000 000 MHz
1
2
MU
2 : 40.477
Ω
0.1074
Ω
929 MHz
3 : 45.615
Ω
–3.5059
Ω
941 MHz
4 : 4.2295
Ω
–23.058
Ω
1.031 GHz
4
3
CH 1
Cor
H1d
S21
log
MAG
5 dB/
REF 0 dB
1 : –45.027 dB
2 : –2.3321 dB
929 MHz
3 : –2.1117 dB
941 MHz
4 : –44.344 dB
1.031 GHz
CENTER 930.000 000 MHz
SPAN 300.000 000 MHz
CENTER 930.000 000 MHz
SPAN 300.000 000 MHz
CENTER 930.000 000 MHz
SPAN 300.000 000 MHz
CENTER 930.000 000 MHz
SPAN 300.000 000 MHz
839.000 000 MHz
2 3
4
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com