Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAR-F5CH-856M50-L2DM-R Datasheet(PDF) 31 Page - fujitsu semiconductor

Part # FAR-F5CH-856M50-L2DM-R
Description  Piezoelectric SAW BPF (700 to 1000 MHz)
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-F5CH-856M50-L2DM-R Datasheet(HTML) 31 Page - fujitsu semiconductor

Back Button FAR-F5CH-856M50-L2DM-R Datasheet HTML 27Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 28Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 29Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 30Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 31Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 32Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 33Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 34Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 35Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
31
F5CH Series (L2 type)
19. DUAL BAND PDC800 System (Tx) BW; 33 MHz
Part number: FAR-F5CH-940M50-L2MD
CH 1
Cor
H1d
S21
log
MAG
5 dB/
REF 0 dB
1 : –36.355 dB
CENTER 950.000 000 MHz
SPAN 300.000 000 MHz
CENTER 950.000 000 MHz
SPAN 300.000 000 MHz
CENTER 950.000 000 MHz
SPAN 300.000 000 MHz
CENTER 950.000 000 MHz
SPAN 300.000 000 MHz
885.000 000 MHz
1
2
3
4
CH 1
Cor
H1d
S11
1FS
/
1: 1.6544
Ω
2.2007
Ω
395.76 pH
885.000 000 MHz
1
2
MU
2 : 44.033
Ω
0.8125
Ω
925 MHz
3 : 52.229
Ω
–16.633
Ω
958 MHz
4 : 3.4443
Ω
–26.761
Ω
1 GHz
4
3
CH 1
Cor
H1d
SWR
S11/M
1/REF 1
2
3
CH 2 S22/M
Cor
H1d
SWR
1 : 22.738
2
3
885.000 000 MHz
2 : 1.1376
925 MHz
3 : 1.387
958 MHz
4 : 18.697
1 GHz
2 : 1.185
925 MHz
3 : 1.3847
958 MHz
4 : 16.673
1 GHz
885.000 000 MHz
1 : 30.288
1/REF 1
1
1
4
4
CH 2
Cor
H1d
S22
1FS
/
1: 2.2037
Ω
2.2396
Ω
402.77 pH
885.000 000 MHz
1
2
MU
2: 43.695
Ω
4.8105
Ω
925 MHz
3: 56.254
Ω
–16.145
Ω
958 MHz
4: 3.8604
Ω
–26.742
Ω
1 GHz
4
3
2 : –2.3975 dB
925 MHz
3 : –2.6557 dB
958 MHz
4 : –54.313 dB
1 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com