Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAR-F5CH-856M50-L2DM-R Datasheet(PDF) 20 Page - fujitsu semiconductor

Part # FAR-F5CH-856M50-L2DM-R
Description  Piezoelectric SAW BPF (700 to 1000 MHz)
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-F5CH-856M50-L2DM-R Datasheet(HTML) 20 Page - fujitsu semiconductor

Back Button FAR-F5CH-856M50-L2DM-R Datasheet HTML 16Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 17Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 18Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 19Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 20Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 21Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 22Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 23Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 24Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
20
F5CH Series (L2 type)
8.
NTACS System (Tx)
Part number: FAR-F5CH-911M50-L2DL
CH1
Cor
H1d
S21
log
MAG
5 dB/
REF 0 dB
1
: –36.68 dB
CENTER 900.000 000 MHz
SPAN 300.000 000 MHz
CENTER 900.000 000 MHz
SPAN 300.000 000 MHz
CENTER 900.000 000 MHz
SPAN 300.000 000 MHz
CENTER 900.000 000 MHz
SPAN 300.000 000 MHz
CH1
Cor
H1d
SWR
S11/M
1/REF 1
CH2 S22/M
Cor
H1d
SWR
1/REF 1
4
CH1
Cor
H1d
S11
1FS
1
/
1.6387
Ω
–2.134
Ω
88.469
MU
:
CH 2
Cor
H1d
S22
1FS
1
:
/
1.9402
Ω
–4.1174
Ω
45.853 pF
843.000 000 MHz
MU
4
1
2 : 2.9321
Ω
8.6035
Ω
870 MHz
3 : 36.012
Ω
4.4121
Ω
898 MHz
4 : 55.604
Ω
–9.918
Ω
925 MHz
2 : –35.346 dB
870 MHz
3 : –2.4353 dB
898 MHz
4 : –2.4345 dB
925 MHz
3
843.000 000 MHz
2
4
1
4
4
3
3
1 : 25.945
843.000 000 MHz
2 : 21.014
870 MHz
3 : 1.3709
898 MHz
4 : 1.2122
925 MHz
2 : 17.558
870 MHz
3 : 1.4107
898 MHz
4 : 1.241
925 MHz
843.000 000 MHz
1 : 30.567
pF
843.000 000 MHz
2 : 2.4844
Ω
10.51
Ω
870 MHz
3 : 38.07
Ω
6.9609
Ω
898 MHz
4 : 58.684
Ω
–7.7676
Ω
925 MHz
1
2
3
2
2
1
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com