Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAR-F5CH-856M50-L2DM-R Datasheet(PDF) 16 Page - fujitsu semiconductor

Part # FAR-F5CH-856M50-L2DM-R
Description  Piezoelectric SAW BPF (700 to 1000 MHz)
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-F5CH-856M50-L2DM-R Datasheet(HTML) 16 Page - fujitsu semiconductor

Back Button FAR-F5CH-856M50-L2DM-R Datasheet HTML 12Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 13Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 14Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 15Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 16Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 17Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 18Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 19Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 20Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
16
F5CH Series (L2 type)
4.
AMPS/ADC System (Rx) High Attenuation type
Part number: FAR-F5CH-881M50-L2AV
CH1
Cor
H1d
S21
log
MAG
5 dB/
REF 0 dB
1 : –48.249 dB
CENTER 880.000 000 MHz
SPAN 300.000 000 MHz
CENTER 880.000 000 MHz
SPAN 300.000 000 MHz
CENTER 880.000 000 MHz
SPAN 300.000 000 MHz
CENTER 880.000 000 MHz
SPAN 300.000 000 MHz
CH1
Cor
H1d
SWR
S11/M
1/REF 1
CH2 S22/M
Cor
H1d
SWR
3
2
1/REF 1
4
CH1
Cor
H1d
S11
1FS
1
/
4.1489
Ω
–7.2388
Ω
25.897
MU
:
CH 2
Cor
H1d
S22
1
FS
1 :
/
4.1123
Ω
11.979
Ω
2.2457 nH
849.000 000 MHz
MU
1
2
1
2 : 38.084
Ω
–5
Ω
869 MHz
3 : 51.361
Ω
–6.5371
Ω
894 MHz
4 : 18.465
Ω
–62.182
Ω
914 MHz
2 : –2.9496 dB
869 MHz
3 : –1.9208 dB
894 MHz
4 : –36.438 dB
914 MHz
3
849.000 000 MHz
2
4
1
3
2
4
4
3
3
1 : 12.972
849.000 000 MHz
2 : 1.6513
869 MHz
3 : 1.0426
894 MHz
4 : 5.4872
914 MHz
2 : 1.3444
869 MHz
3 : 1.1428
894 MHz
4 : 9.6483
914 MHz
849.000 000 MHz
1 : 12.333
pF
849.000 000 MHz
2 : 30.307
Ω
0.9814
Ω
869 MHz
3 : 51.629
Ω
0.5137
Ω
894 MHz
4 : 200.72
Ω
116.86
Ω
914 MHz
4
1
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com