Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAR-F5CH-856M50-L2DM-R Datasheet(PDF) 22 Page - fujitsu semiconductor

Part # FAR-F5CH-856M50-L2DM-R
Description  Piezoelectric SAW BPF (700 to 1000 MHz)
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-F5CH-856M50-L2DM-R Datasheet(HTML) 22 Page - fujitsu semiconductor

Back Button FAR-F5CH-856M50-L2DM-R Datasheet HTML 18Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 19Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 20Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 21Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 22Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 23Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 24Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 25Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 26Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
22
F5CH Series (L2 type)
10. NMT/GSM System (Tx) High Attenuation type
Part number: FAR-F5CH-902M50-L2EW
CH1
Cor
H1d
S21
log
MAG
5 dB/
REF 0 dB
1 : –39.632 dB
CENTER 900.000 000 MHz
SPAN 300.000 000 MHz
CENTER 900.000 000 MHz
SPAN 300.000 000 MHz
CENTER 900.000 000 MHz
SPAN 300.000 000 MHz
CENTER 900.000 000 MHz
SPAN 300.000 000 MHz
CH1
Cor
H1d
SWR
S11/M
1/REF 1
CH2 S22/M
Cor
H1d
SWR
1/REF 1
CH1
Cor
H1d
S11
1FS
1
/
3.9905
Ω
–4.228
Ω
43.268
MU
:
CH 2
Cor
H1d
S22
1
FS
1 :
/
3.311
Ω
12.996
Ω
2.3775 nH
870.000 000 MHz
MU
1 : 16.118
1 : 12.619
pF
870.000 000 MHz
2 : 31.725
Ω
2.7725
Ω
890 MHz
3 : 47.213
Ω
1.8379
Ω
915 MHz
4 : 210.88
Ω
108.5
Ω
935 MHz
2 : –2.8881 dB
890 MHz
3 : –1.9647 dB
915 MHz
4 : –37.754 dB
935 MHz
870.000 000 MHz
2
1
3
4
870.000 000 MHz
2 : 1.5848
890 MHz
3 : 1.071
915 MHz
4 : 5.3183
935 MHz
870.000 000 MHz
2 : 1.3431
890 MHz
3 : 1.0859
915 MHz
4 : 9.1937
935 MHz
1
2
3
4
4
3
1
2 : 37.418
Ω
–2.2754
Ω
890 MHz
3 : 47.91
Ω
–8.4531
Ω
915 MHz
4 : 18.803
Ω
–60.943
Ω
935 MHz
2
4
3
2
1
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com