Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAR-F5CH-856M50-L2DM-R Datasheet(PDF) 25 Page - fujitsu semiconductor

Part # FAR-F5CH-856M50-L2DM-R
Description  Piezoelectric SAW BPF (700 to 1000 MHz)
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-F5CH-856M50-L2DM-R Datasheet(HTML) 25 Page - fujitsu semiconductor

Back Button FAR-F5CH-856M50-L2DM-R Datasheet HTML 21Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 22Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 23Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 24Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 25Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 26Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 27Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 28Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 29Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
25
F5CH Series (L2 type)
13. EGSM System (Tx)
Part number: FAR-F5CH-897M50-L2KL
CH1
Cor
H1d
S21
log
MAG
5 dB/
REF 0 dB
1 : –36.426 dB
CENTER 900.000 000 MHz
SPAN 300.000 000 MHz
CENTER 900.000 000 MHz
SPAN 300.000 000 MHz
CENTER 900.000 000 MHz
SPAN 300.000 000 MHz
CENTER 900.000 000 MHz
SPAN 300.000 000 MHz
1
CH1
Cor
H1d
SWR
S11/M
1/REF 1
23
CH2 S22/M
Cor
H1d
SWR
2
1/REF 1
CH1
Cor
H1d
S11
1FS
1
/
2.5505
Ω
-972.78 m
Ω
193.62
MU
:
CH 2
Cor
H1d
S22
1FS
1
:
/
2.9719
Ω
–2.8235
Ω
66.708 pF
845.000 000 MHz
MU
1
2 : 36.625
Ω
2.582
Ω
880 MHz
3 : 54.139
Ω
–11.047
Ω
915 MHz
4 : 78.477
Ω
–61.5
Ω
925 MHz
2 : 2.2815 dB
880 MHz
3 : –2.1237 dB
915 MHz
4 : –10.215 dB
925 MHz
3
845.000 000 MHz
2
1 :16.926
845.000 000 MHz
2 : 1.3008
880 MHz
3 : 1.2149
915 MHz
4 : 2.6496
925 MHz
2 : 1.373
880 MHz
3 : 1.2539
915 MHz
4 : 2.8342
925 MHz
845.000 000 MHz
1 : 19.623
pF
845.000 000 MHz
2 : 38.66
Ω
2.4316
Ω
880 MHz
3 : 55.66
Ω
-8.5879
Ω
915 MHz
4 : 84.039
Ω
–55.645
Ω
925 MHz
3
1
4
1
4
4
4
3
2
1
4
3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com