Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAR-F5CH-856M50-L2DM-R Datasheet(PDF) 17 Page - fujitsu semiconductor

Part # FAR-F5CH-856M50-L2DM-R
Description  Piezoelectric SAW BPF (700 to 1000 MHz)
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-F5CH-856M50-L2DM-R Datasheet(HTML) 17 Page - fujitsu semiconductor

Back Button FAR-F5CH-856M50-L2DM-R Datasheet HTML 13Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 14Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 15Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 16Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 17Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 18Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 19Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 20Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 21Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
17
F5CH Series (L2 type)
5.
ETACS System (Tx)
Part number: FAR-F5CH-888M50-L2CL
CH1
Cor
H1d
S21
log
MAG
5 dB/
REF 0 dB
1 : –3.01 dB
CENTER 900.000 000 MHz
SPAN 300.000 000 MHz
CENTER 900.000 000 MHz
SPAN 300.000 000 MHz
CENTER 900.000 000 MHz
SPAN 300.000 000 MHz
CENTER 900.000 000 MHz
SPAN 300.000 000 MHz
CH1
Cor
H1d
SWR
S11/M
1/REF 1
CH2 S22/M
Cor
H1d
SWR
1/REF 1
CH1
Cor
H1d
S11
1FS
1
/
29.993
Ω
1.8643
Ω
340.26
MU
:
CH 2
Cor
H1d
S22
1FS
1
:
/
39.59
Ω
–4.9297
Ω
37.024 pF
872.000 000 MHz
MU
1
3
4
4
3
1
: 1.295
1 : 1.6707
pH
872.000 000 MHz
2 : 50.965
Ω
–4.459
Ω
905 MHz
3 : 57.727
Ω
14.795
Ω
917 MHz
4 : 4.4063
Ω
–59.928
Ω
950 MHz
2 : –2.4714 dB
905 MHz
3 : –15.407 dB
917 MHz
4 : –44.151 dB
950 MHz
872.000 000 MHz
2
1
3
4
872.000 000 MHz
2 : 1.0946
905 MHz
3 : 1.369
917 MHz
4 : 27.706
950 MHz
872.000 000 MHz
2 : 1.2349
905 MHz
3 : 4.2116
917 MHz
4 : 15.651
950 MHz
1
2 3
4
4
2
3
1
2 : 54.236
Ω
–10.139
Ω
905 MHz
3 : 49.953
Ω
–77.895
Ω
917 MHz
4 : 4.4072
Ω
–30.705
Ω
950 MHz
2
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com