Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAR-F5CH-856M50-L2DM-R Datasheet(PDF) 29 Page - fujitsu semiconductor

Part # FAR-F5CH-856M50-L2DM-R
Description  Piezoelectric SAW BPF (700 to 1000 MHz)
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-F5CH-856M50-L2DM-R Datasheet(HTML) 29 Page - fujitsu semiconductor

Back Button FAR-F5CH-856M50-L2DM-R Datasheet HTML 25Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 26Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 27Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 28Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 29Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 30Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 31Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 32Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 33Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
29
F5CH Series (L2 type)
17. PDC800 System (Rx)
Part number: FAR-F5CH-820M00-L2FM
CH1
Cor
H1d
S21
log
MAG
5 dB/
REF 0 dB
CENTER 820.000 000 MHz
SPAN 300.000 000 MHz
810.000 000 MHz
2
3
4
CH1
Cor
H1d
SWR
S11/M
1/REF 1
2
CH2 S22/M
Cor
H1d
SWR
2
2 : 1.3409
830 MHz
3 : 15.743
940 MHz
4 : 16.111
960 MHz
2 : 1.3533
830 MHz
3 : 14.79
940 MHz
4 : 15.266
960 MHz
CENTER 820.000 000 MHz
SPAN 300.000 000 MHz
810.000 000 MHz
1 : 1.2785
1/REF 1
4
1
1
CH1
Cor
H1d
S11
1FS
1
/
1.1521nH
CENTER 820.000 000 MHz
SPAN 300.000 000 MHz
CENTER 820.000 000 MHz
SPAN 300.000 000 MHz
810.000 000 MHz
MU
:
1
CH 2
Cor
H1d
S22
1FS
1
/
39.311
Ω
3.6641
Ω
719.94 pH
810.000 000 MHz
2
MU
:
2 : 62.576
Ω
–10.543
Ω
830 MHz
3 : 3.5645
Ω
–17.448
Ω
940 MHz
4 : 3.4033
Ω
–15.532
Ω
960 MHz
2 : 62.881
Ω
–11.051
Ω
830 MHz
3 : 3.9424
Ω
–20.337
Ω
940 MHz
4 : 3.7197
Ω
–18.357
Ω
960 MHz
1
4
3
4
2
1 : –1.401
dB
1 : 1.2894
3
5.8633
Ω
40.604
Ω
3
2 : –1.7272 dB
830 MHz
3 : –32.245 dB
940 MHz
4 : –32.8
dB
960 MHz
4
3
810.000 000 MHz
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com