Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAR-F5CH-856M50-L2DM-R Datasheet(PDF) 26 Page - fujitsu semiconductor

Part # FAR-F5CH-856M50-L2DM-R
Description  Piezoelectric SAW BPF (700 to 1000 MHz)
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-F5CH-856M50-L2DM-R Datasheet(HTML) 26 Page - fujitsu semiconductor

Back Button FAR-F5CH-856M50-L2DM-R Datasheet HTML 22Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 23Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 24Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 25Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 26Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 27Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 28Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 29Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 30Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
26
F5CH Series (L2 type)
14. EGSM System (Rx)
Part number: FAR-F5CH-942M50-L2KM
CH 1
Cor
H1d
S21
log
MAG
5 dB/
REF 0 dB
1 : –19.301 dB
2 : –2.6798 dB
925 MHz
3 : –2.5318 dB
960 MHz
4 : –41.48 dB
980 MHz
CENTER 950.000 000 MHz
SPAN 300.000 000 MHz
CENTER 950.000 000 MHz
SPAN 300.000 000 MHz
CENTER 950.000 000 MHz
SPAN 300.000 000 MHz
CENTER 950.000 000 MHz
SPAN 300.000 000 MHz
915.000 000 MHz
2
3
4
CH 1
Cor
H1d
S11
1FS
/
1 : 14.035
Ω
44.467
Ω
7.7345 nH
915.000 000 MHz
1
MU
2 : 47.855
Ω
3.2129
Ω
925 MHz
3 : 54.455
Ω
–15.744
Ω
960 MHz
4 : 7.7207
Ω
–41.969
Ω
980 MHz
4
3
CH 1
Cor
H1d
SWR
S11/M
1/REF 1
2
3
CH 2 S22 /M
Cor
H1d
SWR
1: 3.5353
2
3
915.000 000 MHz
2 : 1.0828
925 MHz
3 : 1.367
960 MHz
4 : 11.103
980 MHz
2 : 1.1997
925 MHz
3 : 1.3993
960 MHz
4 : 11.779
980 MHz
915.000 000 MHz
1 : 6.6209
1/REF 1
1
4
4
CH 2
Cor
H1d
S22
1FS
/
1 : 31.689
Ω 48.805 Ω
8.4891 nH
915.000 000 MHz
1
MU
2 : 43.475
Ω
5.4375
Ω
925 MHz
3 : 56.76
Ω
–16.646
Ω
960 MHz
4 : 7.8438
Ω
–45.742
Ω
980 MHz
4
2
3
1
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com