Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAR-F5CH-856M50-L2DM-R Datasheet(PDF) 15 Page - fujitsu semiconductor

Part # FAR-F5CH-856M50-L2DM-R
Description  Piezoelectric SAW BPF (700 to 1000 MHz)
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-F5CH-856M50-L2DM-R Datasheet(HTML) 15 Page - fujitsu semiconductor

Back Button FAR-F5CH-856M50-L2DM-R Datasheet HTML 11Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 12Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 13Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 14Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 15Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 16Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 17Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 18Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 19Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
15
F5CH Series (L2 type)
3.
AMPS/ADC System (Rx)
Part number: FAR-F5CH-881M50-L2AM
CH1
Cor
H1d
S21
log
MAG
5 dB/
REF 0 dB
1 : –37.224 dB
CENTER 880.000 000 MHz
SPAN 300.000 000 MHz
1
4
CH1
Cor
H1d
SWR
S11/M
1/REF 1
2
3
CH2 S22/M
Cor
H1d
SWR
2
1/REF 1
CH1
Cor
H1d
S11
1FS
1
/
3.6865
Ω
19.976
Ω
3.7447
MU
:
CH 2
Cor
H1d
S22
1
FS
1 :
/
4.292
Ω
17.9
Ω
3.3556 nH
849.000 000 MHz
MU
1
1
2 : 33.572
Ω
4.5723
Ω
869 MHz
3 : 43.873
Ω
–1.8105
Ω
894 MHz
4 : 14.068
Ω
–58.756
Ω
914 MHz
2 : –1.7646 dB
869 MHz
3 : –1.7485 dB
894 MHz
4 : –36.171 dB
914 MHz
3
849.000 000 MHz
2
1
3
4
4
3
3
1 : 13.394
849.000 000 MHz
2 : 1.4725
869 MHz
3 : 1.1246
894 MHz
4 : 7.7578
914 MHz
2 : 1.5118
869 MHz
3 : 1.1476
894 MHz
4 : 8.346
914 MHz
849.000 000 MHz
1 : 15.959
nH
849.000 000 MHz
2 : 35.379
Ω
7.3613
Ω
869 MHz
3 : 44.557
Ω
0.875
Ω
894 MHz
4 : 14.682
Ω
–55.088
Ω
914 MHz
4
4
2
1
2
CENTER 880.000 000 MHz
SPAN 300.000 000 MHz
CENTER 880.000 000 MHz
SPAN 300.000 000 MHz
CENTER 880.000 000 MHz
SPAN 300.000 000 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com