Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAR-F5CH-856M50-L2DM-R Datasheet(PDF) 19 Page - fujitsu semiconductor

Part # FAR-F5CH-856M50-L2DM-R
Description  Piezoelectric SAW BPF (700 to 1000 MHz)
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-F5CH-856M50-L2DM-R Datasheet(HTML) 19 Page - fujitsu semiconductor

Back Button FAR-F5CH-856M50-L2DM-R Datasheet HTML 15Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 16Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 17Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 18Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 19Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 20Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 21Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 22Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 23Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
19
F5CH Series (L2 type)
7.
ETACS System (Rx)
Part number: FAR-F5CH-933M50-L2CM
CH1
Cor
H1d
S21
log
MAG
5 dB/
REF 0 dB
1 : –24.859 dB
CENTER 930.000 000 MHz
SPAN 300.000 000 MHz
CENTER 930.000 000 MHz
SPAN 300.000 000 MHz
CENTER 930.000 000 MHz
SPAN 300.000 000 MHz
CENTER 930.000 000 MHz
SPAN 300.000 000 MHz
4
CH1
Cor
H1d
SWR
S11/M
1/REF 1
2
3
CH2 S22/M
Cor
H1d
SWR
2
933CM
1/REF 1
CH1
Cor
H1d
S11
1FS
1
/
6.5498
Ω
4.0593
Ω
713.88
MU
:
1
CH 2
Cor
H1d
S22
1
FS
1 :
/
8.0264
Ω
27.23
Ω
4.7888 nH
905.000 000 MHz
MU
2
1
2 : –3.4929 dB
917 MHz
3 : –2.7898 dB
950 MHz
4 : –52.835 dB
1.007 GHz
3
905.000 000 MHz
2
3
4
4
3
1 : 8.2669
905.000 000 MHz
2 : 1.6282
917 MHz
3 : 1.1607
950 MHz
4 : 25.932
1.007 GHz
2 : 1.0588
917 MHz
3 : 1.3579
950 MHz
4 : 16.459
1.007 GHz
905.000 000 MHz
1 : 7.7433
pH
905.000 000 MHz
2 : 31.035
Ω
4.0557
Ω
917 MHz
3 : 48.969
Ω
–7.2754
Ω
950 MHz
4 : 4.2578
Ω
–54.887
Ω
1.007 GHz
1
4
1
4
1
2
3
2 : 47.422
Ω
–117.19m
Ω
917 MHz
3 : 58.969
Ω
–14.047
Ω
950 MHz
4 : 3.8301
Ω
–25.494
Ω
1.007 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com