Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAR-F5CH-856M50-L2DM-R Datasheet(PDF) 27 Page - fujitsu semiconductor

Part # FAR-F5CH-856M50-L2DM-R
Description  Piezoelectric SAW BPF (700 to 1000 MHz)
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-F5CH-856M50-L2DM-R Datasheet(HTML) 27 Page - fujitsu semiconductor

Back Button FAR-F5CH-856M50-L2DM-R Datasheet HTML 23Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 24Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 25Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 26Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 27Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 28Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 29Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 30Page - fujitsu semiconductor FAR-F5CH-856M50-L2DM-R Datasheet HTML 31Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
27
F5CH Series (L2 type)
15. EGSM System (Rx) High Attenuation type
Part number: FAR-F5CH-942M50-L2KV
CH1
Cor
H1d
S21
log
MAG
5 dB/
REF 0 dB
1 : –9.5037 dB
CENTER 950.000 000 MHz
SPAN 300.000 000 MHz
CENTER 950.000 000 MHz
SPAN 300.000 000 MHz
1
4
CH1
Cor
H1d
SWR
S11/M
1/REF 1
2
3
CH2 S22/M
Cor
H1d
SWR
2
1/REF 1
CH1
Cor
H1d
S11
1FS
1
/
13.376
Ω
6.8223
Ω
1.1867
MU
:
2
1
CH 2
Cor
H1d
S22
1
FS
1 :
/
34.316
Ω
22.303
Ω
3.8793 nH
915.000 000 MHz
MU
2
1
2 : 45.641
Ω
–5.9258
Ω
925 MHz
3 : 58.213
Ω
–5.7578
Ω
960 MHz
4 : 8.4922
Ω
–44.924
Ω
980 MHz
2 : –2.7178 dB
925 MHz
3 : –2.9562 dB
960 MHz
4 : –52.731 dB
980 MHz
3
915.000 000 MHz
2
3
4
4
3
1 :1.9128
915.000 000 MHz
2 : 1.4722
925 MHz
3 : 1.1859
960 MHz
4 : 8.2158
980 MHz
2 : 1.1707
925 MHz
3 : 1.2048
960 MHz
4 : 10.716
980 MHz
915.000 000 MHz
1 : 3.8146
nH
915.000 000 MHz
2 : 34.014
Ω
1.2988
Ω
925 MHz
3 : 42.197
Ω
0.7754
Ω
960 MHz
4 : 205.75
Ω
–202.33
Ω
980 MHz
CENTER 950.000 000 MHz
SPAN 300.000 000 MHz
CENTER 950.000 000 MHz
SPAN 300.000 000 MHz
3
1
4
1
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com