Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344J Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # ML7344J
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 14Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 15Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 16Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 17Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 18Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 19Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 20Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 21Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
18/151
470MHz BAND(470MHz to 510MHz) [ML7344C] High Gain Mode
Item
Condition
Min
Typ.
Max
Unit
4.8 kbps, Fdev=3kHz
(BER<0.1%)
-
-116
-
dBm
9.6 kbps, Fdev=3kHz
(BER<0.1%)
-
-115
-
dBm
4.8 kbps, Fdev=3kHz
(BER<1%)
-
-118
-
dBm
Minimum RX sensitivity
9.6 kbps, Fdev=3kHz
(BER<1%)
-
-117
-
dBm
Adjacent channel rejection
±200kHz
-
55
-
dB
1 MHz offset
-
65
-
dB
2 MHz offset
-
66
-
dB
6 MHz offset
-
71
-
dB
10 MHz offset
-
73
-
dB
Blocking
-400kHz offset (image
frequency),
Ta=25 ºC After I/Q adjustment
-
40
-
dB
Minimum power detection level
RFmin in Figure of RSSI
characteristics*1
-
-120
-
dBm
Power detection range
Dynamic Range in Figure of
RSSI characteristics*1
-
35
-
dB
Spurious Emission level
Compliant with FCC, ARIB,
ETSI standard
-
-
-54
dBm
RF input level
ED
-60
-80
-100
RFmin
RFmax
Measured Point
Calculated Point
No Input
Dynamic Range
EDmax
EDmin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com