Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344J Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ML7344J
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ML7344J Datasheet HTML 1Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 2Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 3Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 4Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 5Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 6Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 7Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 8Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
3/151
• Packet mode function
• Support 2 wireless M-bus packet format. (Format A and B)
• Support general packet format (Format C)
• Max packet length 255 bytes (Format A and B)and 2047 bytes (Format C)
• 64 byte TX and RX buffer are implemented
• Preamble pattern detection function (Preamble length can be prgrammable between 1 to 4 Byte)
• Programmable TX preamble length (Max 16383 Byte)
• ID code or SFD detection function (Max 4 Byte x 2codes, available for TX and RX)
• Progrmable CRC generate function for CRC32, CRC16 and CRC8
• Whitenning function
• Address filtering function
Checking C-Fieled, M-Field and A field of wireless M-bus packet (EN13575-4:2011)
• Supply voltage
1.8V to 3.6V
Outpur power is set at 1mW
2.1V to 3.6V
Output power is set at 10mW
2.6V to 3.6V
Output power is set at 20mW
3.3V to 3.6V
Output power is set at 100mW
• Operating temperature -40 to +85 ˚C
• Current consumption (operation at 400MHz band)
Deep Sleep Mode:
0.1 uA (Typ)
Sleep Mode1
0.4 uA (Typ) (Maintain Register values)
Sleep Mode2
0.53 uA (Typ) (Maintain Register values and FIFO data)
Idle Mode
0.6 mA (Typ)
TX 100mW
90 mA (Typ.)
20mW
28 mA (Typ.) (ML7344E/J)
45 mA (Typ.) (ML7344C)
10mW
22 mA (Typ.)
1mW
8.8 mA (Typ.)
RX
6.2 mA (Typ.)
• Package
32 pin WQFN 5.0mm x 5.0mm x 0.8mm
Pb free, RoHS compliant
■Ordering Guide
ML7344 x y GDZ05BL
x=C: 470MHz to 510MHz
E: 160MHz to 180MHz
J: 426MHz to 434MHz
y =C: Crystal Input
T: TCXO Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com