Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344J Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ML7344J
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 4Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 5Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 6Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 7Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 8Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 9Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 10Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 11Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
8/151
●SPI Interface pins
Pin
Pin name
Reset
state
I/O
Active
Level
function
12
SDO
O/L
O
H or L SPI data output or DCLK (*1)
13
SCLK
I
IS
P or N SPI clock input
14
SCEN
I
IS
L
SPI chip enable
L: enable
H: disable
15
SDI
I
IS
H or L SPI data input or DIO (*1)
*1 Please refer to “DIO function”
●Regulator pins
Pin
Pin name
Reset
state
I/O
Active
Level
function
2
VBG (*1)
−
OAH
−
Pin for decouppling capacitor
3
REG_OUT
(*1)
−
OAH
−
Requlator1 ouput (typ. 1.5V)
4
REG_CORE
−
OA
−
Requlator2 ouput (typ. 1.5V)
11
REGPDIN
I
I
H
Power down control pin for regulator
Fix to ‘L’ for nomal use. “H” is for deep sleep mode.
21
REG_PA (*1)
−
OAH
−
Regulator output for PA block
*1 These pin will output 0V in the sleep state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com