Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344J Datasheet(PDF) 88 Page - List of Unclassifed Manufacturers

Part # ML7344J
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J Datasheet(HTML) 88 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 84Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 85Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 86Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 87Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 88Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 89Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 90Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 91Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 92Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
88/151
●Low speed clock shift detection function
ML7344 has low spleed frequency shift detection function to compensate inaccurate clock generated by RC
oscillator (external clock or internal RC oscillation circuits). By detecting frequency shift of the wake up timer,
host can set wake-up timer parameters which taking frequency shift into consideration. More accurate timer
operation is possible by adjusting wake-up timer interval setting ([WUT_INTERVAL_H/L: B0 0x2F/0x30]) or
continuous operation timer interval ([WU_DURATION: B0 0x31]).
Setting
Register
Frequency shift detection clock frequency setting
[CLK_CAL_SET: B0 0x70]
Clock calibration time
[CLK_CAL_TIME: B0 0x71]
Clock calibration result value
[CLK_CAL_H: B0 0x72], [CLK_CAL_L: B0 0x73]
This function is to measure low speed wake-up timer cycle by using accurate high speed internal clock and
count result will be stored in [CLK_CAL_H/L: B0 0x72/0x73] registers. Above setting and count numbers are
as follows:
High speed clock counter = {Wakeup timer clock cycle[SLEEP/WU_SET:B0 0x2D(2)] *
Clcok calibration time setting ([CLK_CAL_TIME:B0 0x71(5-0)]) /
{master clock cycle (26MHz) / clock division setting value ([CLK_CAL_SET:
B0 0x70(7-4)])}
Clock calibration time is as follows:
Clock calibration time[s] = Wakeup timer clock cycle * Clock calibration time setting
[Example]
Assuming no division in the internal high speed clock, calibration time is set as 10 cycle and set 1,000 to the
Wake-up interval timer value.
condition: Wakeup timer clock frequency = 32.768kHz
Detection clock division setting CLK_CAL_DIV[3:0][CLK_CAL_SET: B0 0x70(7-4)] = 0b0000
Clock calibration time setting [CLK_CAL_TIME] = 0x0A
Wake-up interval timert setting [WUT_INTERVAL_H/L:B0 0x2F,30] = 0x03E8
Theoretical high speed clock count = (1/32.768kHz) * 10 / (1/(26/1)MHz)
= 7934(0x1EFE)
If getting [CLK_CAL_H/L:B0 0x72,73] = 0x1E17 (7703)
Counter difference = 7934-7703=231
Frequency shift = (231 * 32.768^2) / (10/(1/(26000/1))-231 * 32.768 = 0.983 kHz
Then finding wake-up timer clock frequency accuracy is +3% higher. And the compensation vale (C) is
calcurared as below:
C = Wake-up timer interval([WUT_INTERVAL_H/L:B0 0x2F,30]) * frequecy shift / 32.768
= 1000 * 0.983 / 32.768 =30
Therefore, setting [WUT_INTERVAL_H/L:B0 0x2F,30] = 1000+30 =0x0406 to achive more accurate
inteval timinig.
NOTE:
If calibration time is too short or if high speed counter is divided into low speed clock, calibration may not be
accurate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com