Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344J Datasheet(PDF) 58 Page - List of Unclassifed Manufacturers

Part # ML7344J
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J Datasheet(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 54Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 55Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 56Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 57Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 58Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 59Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 60Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 61Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 62Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
58/151
●Timer Function
●Wake-up timer
ML7344 has automatic wake-up function using wake-up timer. The following operations are possible by using
wake-up timer.
• Upon timer completion, automatically wake-up from SLEEP state. After wake-up operation can be selected
as RX_ON state or TX_ON state by WAKEUP_MODE ([SLEEP/WU_SET: B0 0x2D(6)]).
• By setting WUT_1SHOT_MODE ([SLEEP/WU_SET: B0 0x2D(7)]), continuous wake-up operation
(interval operation) or one shot operation can be selected
• In interval operation, if RX_ON/TX_ON state is caused by wake-up timer, continuous operation timer is in
operation.
• After moving to RX_ON state by wake-up timer, when continuous operation timer completed, move to
SLEEP state automatically. However, if SYncWord is detected before timer completion, RX_ON state will
be maintained. In this case, ML7344 does not go back to SLEEP state automatically. SLEEP setting
(SLEEP_EN ([SLEEP/WU_SET: B0 0x2D(0)])=0b1) is necessary to go back to SLEEP state. However, if
RXDONE_ MODE[1:0] ([RF_STATUS_CTRL:B0 0x0A(3-2)])=0b11, after RX completion, move to
SLEEP state automatically.
For ML7344C, when continuous operation timer completed, the condition for continuing reception is
selected from Sync Word detection or Field check result by RCV_CONT_SEL([C_CHECK_CTRL: B0
0x1B(5)]).
• After moving to TX_ON state by wake-up timer, when continuous operation timer completed, move to
SLEEP state automatically.
• After wake-up by combining with high speed carrier checking mode, CCA is automatically performed, if
IDLE is detected, able to move to SLEEP state immediately. For details, please refer to the “(3) high speede
carrier detection mode”.
• By setting WU_CLK_SOURCE ([SLEEP/WU_SET:B0 0x2D(2)]), clock source for wake-up timer are
selectable from EXT_CLK pin or on-chip RC OSC.
Wake-up interval, wake-up timer interval and continuous operation timer can be calculated in the following
formula.
Wake-up interval [s] = Wake-up timer interval [s] + Continuous operation timer [s]
Wake-uptimer interval [s] = Wake-up timer clock cycle *
Division setting ([WUT_CLK_SET: B0 0x2E(3-0)]) *
(Wake-up timer interval setting ([WUT_INTERVAL_H/L: B0 0x2F/0x30]) + 1)
Continuous operation timer [s] = Wake-up timer clock cycle *
Division setting([WUT_CLK_SET: B0 0x2E(7-4)]) *
(Continuous operation timer setting ([WU_DURATION: B0 0x31]) – 1)
NOTE:
• In case of moving to TX_ON state after wake-up, move to SLEEP state when timer completed even in the
middle of transmission. Continuous oeration timer should be set in such manner that timer completing after
TX completion.
• WUDT_CLK_SET[3:0] ([WUT_CLK_SET: B0 0x2E(7-4)]) and WUT_CLK_SET[3:0] ([WUT_CLK_
SET: B0 0x2E (3-0)]) can be set independently.
• Minimum value for wake-up timer interval setting ([WUT_INTERVAL_H/L: B0 0x2F/0x30]) is 0x02. And
minimum value for continuous operation timer setting ([WU_DURATION: B0 0x31]) is 0x01.
• Be noted that the SyncWord detection is not issued when in DIO mode with RXDIO_CTRL([DIO_SET: B0
0x0C(7-6)])=0b01. Therefore, when continuous operation timer completed, forcibly move to SLEEP state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com