Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344J Datasheet(PDF) 97 Page - List of Unclassifed Manufacturers

Part # ML7344J
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J Datasheet(HTML) 97 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 93Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 94Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 95Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 96Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 97Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 98Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 99Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 100Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 101Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
97/151
●VCO low limit frequency setting
VCO low limit frequency can be set as described in the “channel frequency setting”. I is set to
[VCO_CAL_MIN_I:B1 0x4D] register, F is set to [VCO_CAL_MIN_FH:B1 0x4E], [VCO_CAL_MIN_FM:B1
0x4F], [VCO_CAL_MIN_FL:B1 0x50] in MSB – LSB order.
example) If operation low limit frequency is 426.6MHz, setting value should be lower than 400kHz. Then in
following example, low limit frequency is set to 426.MHz, master clock frequency is 26MHz.
I = 426MHz/26MHz (Integer part) = 16(0x10)
F =(426MHz/26MHz-16) * 2
20 (Integer part) = 403298 (0x062762)
Setting values for each register is as follows:
[VCO_CAL_MIN_I]
= 0x10
[VCO_CAL_MIN_FH]
= 0x06
[VCO_CAL_MIN_FM]
= 0x27
[VCO_CAL_MIN_FL]
= 0x62
●VCO upper limit frequency setting
VCO upper limit frequency is calculated as following formula, based on low limit frequency values and
[VCO_CAL_MAX_N:B1 0x51] register.
VCO calibration upper limit frequency =
VCO calibration low limit frequency (B1 0x4D-0x50) + ΔF(B1 0x51)
ΔF is defined in the table below
VCO_CAL_MAX_N[3:0]
ΔF[MHz]
0b0000
0
0b0001
0.8125
0b0010
1.625
0b0011
3.25
0b0100
6.5
0b0101
13
0b0110
26
0b0111
52
0b1000
82.875
0b1001
104
Other than above
prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com