Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344J Datasheet(PDF) 66 Page - List of Unclassifed Manufacturers

Part # ML7344J
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J Datasheet(HTML) 66 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 62Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 63Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 64Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 65Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 66Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 67Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 68Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 69Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 70Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
66/151
(3) Channel space setting
Channel space can be set by [CH_SPACE_H: B1 0x23], [CH_SPACE_L: B1 0x24] registers. Hexadecimal
values calculated in the following formula should be set to [CH_SPACE_H: B1 0x23], [CH_SPACE_L: B1
0x24] registers. (MSB->LSB order) When enabling PLL 1/2 division mode by setting PLL_MODE
([PLL_DIV_SET:B1 0x1A(4)])=0b1, calcurated with fref =FMCK1/2 in the following formula.
Channel space is from the center frequency of given channel to adjacent channel center frequency.
Channel space setting value can be calculated using the following formula:
20
2
_
⋅
⎪⎭
⎪
⎬
⎫
⎪⎩
⎪
⎨
⎧
=
ref
sp
f
f
SPACE
CH
(Integer part)
Here
:
_ SPACE
CH
Channel space setting
:
sp
f
Channel space [MHz]
:
ref
f
PLL reference frequency (=master clock frequency : FMCK1)
[Example]
When set channle space to 25kHz (master clock 26MHz), the calculation is as follows.
20
2
26
025
.
0
_
⋅
⎭
⎬
⎫
⎩
⎨
⎧
=
MHz
MHz
SPACE
CH
(Integer part) = 1008 (0x03F0)
[CH_SPACE_H: B1 0x23] = 0x03
[CH_SPACE_L: B1 0x24] = 0xF0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com