Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344J Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # ML7344J
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 21Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 22Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 23Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 24Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 25Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 26Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 27Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 28Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
25/151
■Function description
●HOST Interface
●Serial Peripheral Interface (SPI)
ML7344 has a SPI, which supports slave mode. Host MCU can read/write to the ML7344 registers and
on-chip FIFO using MCU clock. Single access and burst access are also supported.
[Single Access Mode Timing Chart]
In write operation, data will be stored into internal register at rising edge of clock which is capturing D0 data.
During write operation, if setting SCEN line to “H”, the data will not be stored into register. For more details of
SCEN negate timing, please refer to the “SPI interface characteristics”. Afetr the internal clock is stabilized,
data will be written into the register in syncrohonization with the internal clock.
[Write]
[Read]
SCEN
SDI
SCLK
Address field
R
SDO
Data read field
D
7
D
0
A
6
A
0 “0”
SCEN
SDI
SCLK
W
Write data field
Address field
A
6
A
0
D
7
D
0
“1”
(Register write timing)
Before clock stable
After clock stable
D7-0
D7-0
Up to 0.45 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com