Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344J Datasheet(PDF) 93 Page - List of Unclassifed Manufacturers

Part # ML7344J
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J Datasheet(HTML) 93 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 89Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 90Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 91Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 92Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 93Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 94Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 95Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 96Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 97Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
93/151
●I/Q adjustment
Image rejection ratio can be adjusted by tuning IQ signal balance. The adjustment procedure is as follows:
1. From SG, image frequency signal is input to ANT pin (#24).
Input signal:
no modulation wave
Input frequency:
channel frequency - (2 * IF frequency)
IF frequency = 200kHz:
Input level:
-70dBm
2. Isuuing RX_ON by [RF_STATUS:B0 0x0b] register, by adjusting [IQ_MAG_ADJ: B0 0x6C] and
[IQ_PHASE_ADJ: B0 0x6D]registers, finding setting value so that ED value [ED_RSLT: B0 0x3A] is
minimum.
●IQ adjustment flow
For IQ adjustment, using Bank2 (closed Bank) registers. Any other register access is inhibited.
END
1
Read ED value
[ED_RSLT: B0 0x3A]
IQ Bias initializing setting
[IQ_BIAS_IN: B2 0x2D] = 0x80
[IQ_BIAS_QN:B2 0x2F] = 0x80
START
Power on
SG output setting
modulation: no modulation
level : -70dBm
frequency: CH frequency- 2 * IF
frequency
Initialize setting
* Please refer to
“Initialization table”.
RX_ON setting
[RF_STATUS: B0 0x0B]
1
IQ adjustment by following register
[IQ_BIAS_IP: B2 0x2D]
[IQ_BIAS_QP:B2 0x2F]
Read ED value < Target value ?
Change setting value of
[IQ_BIAS_IP: B2 0x2D]
[IQ_BIAS_QP:B2 0x2F]
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com