Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344J Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # ML7344J
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 38Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 39Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 40Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 41Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 42Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 43Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 44Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 45Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
42/151
Length of SyncWord pattern can be defined by SYNC_WORD_LEN[5:0] ([SYNC_WORD_LEN: B1
0x25(5-0)]). In this case, SyncWord pattern defined by the length from low bit of SYNC_WORD1[31:0] or
SYNC_WORD2[31:0] will be the pattern for checking.
[Example] SyncWord length
If the following registers are set, 18 bit of SYNC_WORD1[17:0] or SYNC_WORD2[17:0] will be reference
pattern for the SyncWord detection. Higher bits (bit31-18) are not checked.
[SYNC_WORD_LEN: B1 0x25]=0x12
[SYNC_WORD_EN: B1 0x26]=0x0F
32bit SyncWord pattern can be controlled by enabling/disabling by each 8bit, when receiving SyncWord. The
following table describes enable/disable control and SyncWord pattern.
SYNC_WORD*
[SYNC_WORD_EN]
(B1 0x26)
[31:24]
[23:16]
[15:8]
[7:0]
SyncWord detection operation
0000
No SyncWord detection
0001
D.C.(*1)
ON
Only [7:0] are valid.
Upon [7:0] detection, SyncWord detection.
0010
D.C.
ON
D.C.
Only [15:8] are valid.
Upon [7:0] detection, SyncWord detection.
0011
D.C.
ON
ON
[15:0] are valid.
Upon [7:0] detection, SyncWord detection.
0100
D.C.
ON
D.C.
Only [23:16] are valid.
Upon [7:0] detection, SyncWord detection.
0101
D.C.
ON
D.C.
ON
[23:16] and [7:0] are valid.
Upon [7:0] detection, SyncWord detection.
0110
D.C.
ON
ON
D.C.
[23:8] are valid.
Upon [7:0] detection, SyncWord detection.
0111
D.C.
ON
ON
ON
[23:0] are valid.
Upon [7:0] detection, SyncWord detection.
1000
ON
D.C.
Only [31:24] are valid.
Upon [7:0] detection, SyncWord detection.
1001
ON
D.C.
ON
[31:24] and [7:0] are valid.
Upon [7:0] detection, SyncWord detection.
1010
ON
D.C.
ON
D.C.
[31:24] and [15:8] are valid.
Upon [7:0] detection, SyncWord detection.
1011
ON
D.C.
ON
ON
[31:24] and [15:0] are valid.
Upon [7:0] detection, SyncWord detection.
1100
ON
ON
D.C.
[31:16] are valid.
Upon [7:0] detection, SyncWord detection.
1101
ON
ON
D.C.
ON
[31:16] and [7:0] are valid.
Upon [7:0] detection, SyncWord detection.
1110
ON
ON
ON
D.C.
[31:8] are valid.
Upon [7:0] detection, SyncWord detection.
1111
ON
ON
ON
ON
Whole [31:0] are valid.
Upon [7:0] detection, SyncWord detection.
(*1) D.C. stands for Don’t Care.
(*2) Preamble pattern can be added to the SyncWord detection conditions by RXPR_LEN[5:0]
([SYNC_CONDITION1 :B0 0x45(5-0)]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com