Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344J Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ML7344J
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ML7344J Datasheet HTML 1Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 2Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 3Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 4Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 5Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 6Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 7Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 8Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
2/151
■Features
• Frequency Range: 160 – 510MHz
• ML7344C is able to use as communication unit of Q_GDW374.3 (China)
ML7344E is able to use as F mode or N mode of the wirelss M-bus system.
ML7344J is able to use as type III or IV security radio of RCR STD-30 and ARIB STD-T67 in 426 MHz
operation. (Japan)
• High accurate modulation implemented by direct modulation scheme using fractional-N PLL.
• Multiple modulation scheme : GFSK/GMSK, FSK/MSK
• Configurable data ratres from 1.2kbps to 15 kbps
• Supports NRZ code, Manchester code and 3 out of 6 code.
• Programmable modulation frequency deviation
• Polarity conversion for TX and RX data bits
• On chip 26MHz oscillation circuit implemented (ML7344xC x=C, E or J)
Supports 26MHz TCXO input. (ML7344xT, x=C, E or J)
Note: The ordering product name is different from supporting clock source.
• On chip low speed RC oscillation circuit.
• Oscillation frequecy tuning function implemented. (ML7344xC x=C, E or J)
• Frequency tuning function (frequency fine tuning by oscillation circuit and fractional-N PLL)
• Built in Power Amp (PA) and power control function
Programmable from 100mW, 20mW and 10mW (ML7344C)
Programable from 20mW,10mW and 1mW (ML7344E/J)
• Fine output power tuning function implemented. (Tune ±0.2dB)
• TX ramp control function implemented
• High speed carrier checking function
• Support external PA
• Receive Signal Strength Indicator (RSSI) reporting function and threshold comparison function
• Built-in AFC function
• Synchronous serial peripheral interface (SPI)
• Auto wake-up and auto sleep function are implemented
• 2 genral purpose timers are implemented
• Test Pattern generation (PN9, CW, 0/1, all-1, all-0 pattern)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com