Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344J Datasheet(PDF) 94 Page - List of Unclassifed Manufacturers

Part # ML7344J
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J Datasheet(HTML) 94 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 90Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 91Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 92Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 93Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 94Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 95Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 96Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 97Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 98Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
94/151
●VCO adjustment
In order to compensate VCO operation margin, optimized capacitance compensation value should be set in
each TX/RX operation and frequency. This capacitance compensation value can be acquired by VCO
calibration.
By performing VCO calibration when power-up or reset, acquired capacitance compensation values for upper
limit and lower limit of operation frequency range (for both TX/RX), based on this value optimised capacitance
value is applied during TX/RX operation.
●VCO adjustment flow
The following flow is the procedure for acquiring capacitance compensation value when power-up or reset.
NOTE:1) VCO calibration should be performed only during IDLE state.
VCO calibration is necessary every 2.6ms to 8.8ms.
After completion, capacitance compensation values are stored in the following registers.
Capacitance compensation value at TX low limit frequency: [TXVCAL_MIN: B1 0x52]
Capacitance compensation value at TX upper limit frequency: [TXVCAL_MAX: B1 0x53]
Capacitance compensation value at RX low limit frequency: [RXVCAL_MIN: B1 0x54]
Capacitance compensation value at RX upper limit frequency: [RXVCAL_MAX: B1 0x55]
START
END
Setting low limit frequency
[VCO_CAL_MIN_I: B1 0x4D]
[VCO_CAL_MIN_FH: B1 0x4E]
[VCO_CAL_MIN_FM: B1 0x4F]
[VCO_CAL_MIN_FL: B1 0x50]
Setting operation frequency range
[VCO_CAL_MAX_N: B1 0x51]
Initialize
setting
VCO calibration completion INT. clear
INT[1] ([INT_SOURCE_GRP1: B0 0x0D])
Set VCO_CAL_START = 0b1
[VCO_CAL_START: B0 0x6F(0)]
Start
calibration
Calibration operation
Completion wait
VCO calibration completion INT?
INT[1] [INT_SOURCE_GRP1: B0 0x0D]
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com