Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344J Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers

Part # ML7344J
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 50Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 51Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 52Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 53Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 54Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 55Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 56Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 57Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 58Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
54/151
(2)In case of using SDI/SDO pins (sharing with SPI interface)
If SDI and SDO pins are used as DCLK/DIO, DCLK/DIO should be controlled as follow. (below DIO/DCLK
vertical line part indicate output or input period) Both SDO_CFG and SDI_CFG ([SDI/EXT_PA_CTRL:B0
0x53(5,4)]) should be set 0b1
[TX]
i) Continuous input mode (from host)
Set TXDIO_CTRL[1:0] ([DIO_SET: B0 0x0C(5-4)]) =0b01.
After TX_ON(SET_TRX[3:0] ([RF_STATUS: B0 0x0B(3-0)])=0x9), during SCEN pin is “H”, DCLK is
output from SDO pin., TX data can be input from DIO pin at falling edge of DCLK. TX data must be encoded
data. After TRX_OFF is issued (SET_TRX[3:0] ([RF_STATUS: B0 0x0B(3-0)])=0x8), DCLK output will
stop. During DCLK output, if SCEN pin becomes “L”, DCLK output will stop. (SPI access has priority)
NOTE:
Not to access SPI until TX completion. During packet transmission, if SPI access is attempted by the host, TX
data error can be expected.
ii) Data input mode (from host)
Set TXDIO_CTRL[1:0] ([DIO_SET: B0 0x0C(5-4)])=0b10.
After TX_ON, when SCEN is ”H”, DCLK is output from SDO pin during data input period after SyncWord.
At falling edge of DCLK, TX data should be input to SDI from the host. After TRX_OFF is issued
(SET_TRX[3:0] ([RF_STATUS: B0 0x0B(3-0)])=0x8), DCLK output will stop. During DCLK output period,
if SCEN becomes “L”, DCLK output will stop. (SPI access has a priority)
TX_ON
command
TRX_OFF
command
DIO(SDI)
TXON
TX data
DCLK(SDO)
Preamble
SyncWord
Data-field
SCEN
TX_ON
command
TRX_OFF
command
DIO(SDI)
TXON
TX data
DCLK(SDO)
Preamble
SyncWord
Data-field
SCEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com