Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344J Datasheet(PDF) 89 Page - List of Unclassifed Manufacturers

Part # ML7344J
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J Datasheet(HTML) 89 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 85Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 86Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 87Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 88Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 89Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 90Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 91Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 92Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 93Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
89/151
■LSI adjustment items and adjustment method
●PA adjustment
ML7344E/J have output circuits for 1mW and 20mW (10mW as well) and ML7344C has output circuit for
20mW and 100mW. Output circuits can be selected by PA_MODE[1:0] ([PA_MODE: B0 0x67(5-4)]).
Output circuit
PA_MODE[1:0]
ML7344E/J
ML7344C
0b00
1mW
Not allowed
0b01
10mW
20mW
0b10
20mW
100mW
0b11
Not allowed
Output power can be adjusted by the following 3 registers.
Coarse adjustment 1 PA_REG[3:0] ([PA_MODE: B0 0x67(3-0)]) 16 resolutions
Coarse adjustment 2 PA_ ADJ[3:0] ([PA_ADJ: B0 0x69(3-0)] ) 16 resolutions
Fine adjustment
PA REG_FINE_ADJ[4:0] ([PA_REG_FINE_ADJ: B0 0x68(4-0)]) 32 resolutions
Coarse adjustment 1: PA regulator adjustment
Setting regulator voltage according to the desired output level.
However, please set PA regulator voltage to less than [VDD_PA(pin#22) – 0.3V].
PA_REG[3:0]
[PA_MODE:B0 0x67]
PA regulator
Voltage [V]
0b0000
1.20
0b0001
1.32
0b0010
1.44
0b0011
1.56
0b0100
1.68
0b0101
1.80
0b0110
1.92
0b0111
2.04
0b1000
2.16
0b1001
2.28
0b1010
2.40
0b1011
2.52
0b1100
2.64
0b1101
2.76
0b1110
2.88
0b1111
3.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com