Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344J Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # ML7344J
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 60Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 61Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 62Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 63Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 64Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 65Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 66Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 67Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
64/151
NOTE:
The channel frequency to be selected must meet the following conditions. If the following conditions cannot
be met, please change channel #0 frequency or use other channels. If this formula cannot be met, expected
frequency is not functional or PLL may not be locked.
(FMCK1*n + 1MHz ) / N_div ≤ channel frequency ≤ (FMCK1*(n+1) – 1MHz ) / N_div
FMCK1: Master clock frequency
N_div = 1 (PLL_MODE ([PLL_DIV_SET: B1 0x1A (4)])=0b0)
2 (PLL_MODE ([PLL_DIV_SET: B1 0x1A (4)])=0b1)
n = integer
[Calculation example above “A” range]
Condition: Master clock 26MHz, N_div=1(PLL_MODE=0b0), n=16
(26*16+1)MHz ≤ channel frequency to be used ≤ (26*(16+1)-1)
→ 417 MHz ≤ channel frequency to be used ≤ 441MHz
NOTE:
“CH#0 frequency (Hz)” and “channle space (Hz)” may have error (Hz). Then the “channel frequency error
(Hz)” is defined as following formula.
Channel frequency error (Hz) =
CH#0 frequency error (Hz) + channel space error (Hz)* channel setting
When changing “channel frequency” by setting “channel setting” without “CH#0 frequency” change, the
“channel frequency error” will become larger than by setting both “CH#0 frequency” and “channel setting”. If
the “channle frequency error” is larger than expection, please consider to change “CH#0 frequency”.
Unusable Frequency
Usable Frequency
(FMCK1*n )/N_div
Frequency
(FMCK1*(n+1))/N_div
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com