Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7344J Datasheet(PDF) 81 Page - List of Unclassifed Manufacturers

Part # ML7344J
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J Datasheet(HTML) 81 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 77Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 78Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 79Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 80Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 81Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 82Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 83Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 84Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 85Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
81/151
(6) CCA threshold setting
CCA threshold value defined by [CCA_LVL: B0 0x37] register, should be considered desired input leve (ED
value), components variation, temperature fluctuation, loss at antenna and matching circuits. Input level and
ED value are described in the follow table.
RSSI value = 1.35 * (input level[dBm] – variations[dBm] – other losses[dBm]) + offset
ED value (CCA threshold) = (RSSI value + RSSI_ADJ) * RSSI_MAG_ADJ
Value
Item
High Sensitivity Mode
High Linearity Mode
offset
164.5
156
Variation (individual, temp.)[dBm]
10
7
Other loss[dBm]
Antenna, matching circuits loss
RSSI_ADJ
The setting of [RSSI_VAL:B1 0x14]
RSSI_MAG_ADJ
The setting of [RSSI_ADJ: B0 0x66]
Example) When input level threshold is set to -85dBm
conditions: High Linearity Mode, other loss = 1dB, RSSI_ADJ=0, RSSI_MAG_ADJ=4.5
RSSI value = 1.35 * (-85 - 7 – 1) + 156
= 30.45
CCA threshold = (30.45 + 0) * 4.5
= 137.025
~ 0x89
In order to validate whether CCA threshold is optimised or not, CCA should be executed and confirmimg
level changing from IDLE to BUSY, every time input level is changed,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com