Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1889 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS1889
Description  100Base-FX Integrated PHYceiverTM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1889 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS1889 Datasheet HTML 8Page - Integrated Circuit Systems ICS1889 Datasheet HTML 9Page - Integrated Circuit Systems ICS1889 Datasheet HTML 10Page - Integrated Circuit Systems ICS1889 Datasheet HTML 11Page - Integrated Circuit Systems ICS1889 Datasheet HTML 12Page - Integrated Circuit Systems ICS1889 Datasheet HTML 13Page - Integrated Circuit Systems ICS1889 Datasheet HTML 14Page - Integrated Circuit Systems ICS1889 Datasheet HTML 15Page - Integrated Circuit Systems ICS1889 Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
12
ICS1889
PHY Identifier Register (register 2)
Register 2 and Register 3 contain the 24-bit Organizationally
Unique Identifier (OUI), Manufacturers Model Number and
Revision Number. Integrated Circuit Systems’s OUI is used as
the default for registers 2 and 3. These values may be
overridden using the Command Override bit (16:15).
Organizationally Unique Identifier
bits 3-18(bits 15-0)
This field contains the lowest 16 bits of the IEEE OUI
excluding bits 0, 1, and 2. Bit 3 of the OUI maps to bit 15 of
the register.
OUI Formatting Information
The ICS OUI is shown below with information on mapping
the OUI value into registers 2 and 3.
Octet Format:
00
A0
BE
|
|
Third octet
|
Second octet
First octet
Binary Format:
0
0
0
A
E
B
0000 0000 0000 0101 0111 1101


lsb
msb
lsb
msb lsb
msb
(I/G)
IEEE Standard 802 Lettered Format
0000 0000 0000 0101 0111 1101
abcd
efgh
ijkl
mnop
qrst
uvwx
Model and Revision Information
Model
Part
1
ICS1889
2
ICS1890
The revision number will be incremented each time the silicon
is significantly revised.
These two registers can always be read and may be written by
setting the Command Override bit in the Configuration
register (16:15) and then performing a write operation. At
power-up and reset they are set to Integrated Circuit
Systems’s OUI. By allowing these registers to be written, a
systems vendor may substitute their own OUI.
PHY Identifier Register (register 2)
BIT
Definition
When bit = 0
When bit = 1
Access
Default
15
OUI bit 3 | c
CW
0
14
OUI bit 4 | d
CW
1
13
OUI bit 5 | e
CW
1
12
OUI bit 6 | f
CW
0
11
OUI bit 7 | g
CW
0
10
OUI bit 8 | h
CW
0
9
OUI bit 9 | i
CW
0
8
OUI bit 10 | j
CW
0
7
OUI bit 11 | k
CW
0
6
OUI bit 12 | l
CW
0
5
OUI bit 13 | m
CW
0
4
OUI bit 14 | n
CW
1
3
OUI bit 15 | o
CW
0
2
OUI bit 16 | p
CW
1
1
OUI bit 17 | q
CW
0
0
OUI bit 18 | r
CW
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com