Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1889 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS1889
Description  100Base-FX Integrated PHYceiverTM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1889 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS1889 Datasheet HTML 1Page - Integrated Circuit Systems ICS1889 Datasheet HTML 2Page - Integrated Circuit Systems ICS1889 Datasheet HTML 3Page - Integrated Circuit Systems ICS1889 Datasheet HTML 4Page - Integrated Circuit Systems ICS1889 Datasheet HTML 5Page - Integrated Circuit Systems ICS1889 Datasheet HTML 6Page - Integrated Circuit Systems ICS1889 Datasheet HTML 7Page - Integrated Circuit Systems ICS1889 Datasheet HTML 8Page - Integrated Circuit Systems ICS1889 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
4
ICS1889
Transmit Clock Synthesizer
The ICS1889 synthesizes the transmit clock using a PLL to
produce 25 MHz and 125 MHz clocks. This allows the use of
a low cost 25 MHz crystal or a low jitter reference frequency
source.
Receive Clock Recovery
The receive clock recovery logic monitors the receive line and
detects a “receive signal.” The logic, which includes a PLL,
extracts data and clock from the 100Base-FX, 125 Mbps,
NRZI bit stream. In the event that the PLL is unable to lock on
to the receive signal, it generates a “not locked signal.” The
transmit clock synthesizer provides a center frequency
reference for operation of the clock recovery circuit in the
absence of data. The “receive signal detected” and “not
locked” signals are both used by the logic which monitors the
receive channel for errors.
Carrier Detector & Framer
The carrier detector examines the receive serial bit stream
looking for the SSD, the “JK” symbol pair. In the idle state,
IDLE symbols (all logic ones) will be received. If the carrier
detector detects a logic zero in the bit stream, it examines the
following bits looking for the first two non-contiguous zeroes,
confirms that the first 5-bits form the “J” symbol (11000) and
asserts carrier detect. At this point the serial data is framed
and the second symbol is checked to confirm the “K” symbol
(10001). If successful, the following framed data (symbols)
are presented to the 4B5B decoder. If the “JK” pair is not
confirmed, the false carrier detect bit is asserted in the
QuickPoll Register and the idle state is reentered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com