Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1889 Datasheet(PDF) 18 Page - Integrated Circuit Systems

Part # ICS1889
Description  100Base-FX Integrated PHYceiverTM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1889 Datasheet(HTML) 18 Page - Integrated Circuit Systems

Back Button ICS1889 Datasheet HTML 14Page - Integrated Circuit Systems ICS1889 Datasheet HTML 15Page - Integrated Circuit Systems ICS1889 Datasheet HTML 16Page - Integrated Circuit Systems ICS1889 Datasheet HTML 17Page - Integrated Circuit Systems ICS1889 Datasheet HTML 18Page - Integrated Circuit Systems ICS1889 Datasheet HTML 19Page - Integrated Circuit Systems ICS1889 Datasheet HTML 20Page - Integrated Circuit Systems ICS1889 Datasheet HTML 21Page - Integrated Circuit Systems ICS1889 Datasheet HTML 22Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
18
ICS1889
Pin Definitions
MII Interface Pin Descriptions
Transmit Clock TXCLK
The Transmit Clock (TXCLK) is a continuous clock signal
generated by the ICS1889 to synchronize the Transmit
Enable, Transmit Data and Transmit Error lines. The
ICS1889 clock frequency is 25% of the nominal transmit data
rate. At 100 Mbps its frequency is 25 MHz. The TXCLK
clock duty cycle is in the range 35% to 65%.
Transmit Enable TXEN
Transmit Enable (TXEN) indicates to the ICS1889 that the
MAC is sending valid data nibbles for transmission on the
physical media. Synchronous with its assertion the ICS1889
will begin reading the data nibbles on the transmit data lines.
It is the responsibility of the MAC to order the nibbles so that
the preamble is sent first, followed by destination, source,
length, data and CFS fields since the ICS1889 has no
knowledge of the frame structure and is merely a “nibble”
processor. The ICS1889 terminates transmission of nibbles
following the deassertion of Transmit Enable (TXEN).
Transmit Data 3 TXD3
Transmit Data 3 (TXD3) is the most significant bit of the
transmit data nibble. TXD3 is sampled by the ICS1889
synchronously with the Transmit Data Clock when TXEN is
asserted. When TXEN is de-asserted the ICS1889 is
unaffected by the state of TXD3
Transmit Data 2 TXD2
Transmit Data 2 (TXD2) is sampled by the ICS1889
synchronously with the Transmit Data Clock when TXEN is
asserted. When TXEN is de-asserted the ICS1889 is
unaffected by the state of TXD2.
Transmit Data 1 TXD1
Transmit Data 1 (TXD1) is sampled by the ICS1889
synchronously with the Transmit Data Clock when TXEN is
asserted. When TXEN is de-asserted the ICS1889 is
unaffected by the state of TXD1.
Signal
Meaning
Signal
Meaning
TXCLK
Transmit Clock
TX+
Transmitted data positive
TXEN
Transmit Enable
TX–
Transmitted Data negative
TXD3
Transmit Data 3
IPRG
Current program
TXD2
Transmit Data 2
RX+
Receive Data positive
TXD1
Transmit Data 1
RX–
Receive Data negative
TXD0
Transmit Data 0
REF+
Frequency reference
TXER
Transmit Error
REF–
Frequency reference
RXCLK
Receive Clock
SD+
Signal Detect
RXDV
Receive Data Valid
SD–
Signal Detect
RXD3
Receive Data 3
RXD2
Receive Data 2
SYSR
System reset
RXD1
Receive Data 1
PRIO
Priority
RXD0
Receive Data 0
DPEN
Duplex Enable
RXER
Receive Error
LSTA
Link Status
CRS
Carrier Sense
P4RD
Receive data LED
COL
Collision Detect
P3TD
Transmit data LED
P2LI
Link Integrity LED
MDC
Management Data Clock
P1CL
Collision detect LED
MDIO
Management Data Input/Output
P0FD
Full duplex LED
NOD/REP
Node or Repeater Mode Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com