Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1889 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS1889
Description  100Base-FX Integrated PHYceiverTM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1889 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS1889 Datasheet HTML 2Page - Integrated Circuit Systems ICS1889 Datasheet HTML 3Page - Integrated Circuit Systems ICS1889 Datasheet HTML 4Page - Integrated Circuit Systems ICS1889 Datasheet HTML 5Page - Integrated Circuit Systems ICS1889 Datasheet HTML 6Page - Integrated Circuit Systems ICS1889 Datasheet HTML 7Page - Integrated Circuit Systems ICS1889 Datasheet HTML 8Page - Integrated Circuit Systems ICS1889 Datasheet HTML 9Page - Integrated Circuit Systems ICS1889 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6
ICS1889
Line Transmitter
The LineTransmitter output pair is a differential positive ECL
(PECL) interface designed to connect directly to a standard
fiber optic transceiver. The differential driver for the transmit
signal is a programmable current source designed for resistive
termination. Using an external resistor connected to the IPRG
pin, the output current may be preset.
The differential driver for the TX ± is current mode and is
designed to drive resistive terminations in a complementary
fashion. The output is current-sinking only, with the amount
of sink current programmable via the IPRG1 pin. The sink
current is equal to four times the IPRG1 current. For most
applications, an 910Ω resistor from VDD to IPRG1 will set
the current to the necessary precision.
The TX± pins are incapable for sourcing current, so VOH must
be set by the ratios of the Thevenin termination resistors for
each of the lines. R1 is a pull-up resistor connected from the
PECL output to VDD. R2 is a pull-down resistor connected
from the PECL output to VSS. R1 and R2 are electrically in
parallel from an AC standpoint. If we pick a target impedance
of 50Ω for our transmission line impedance, a value of 62Ω
for R1 and a value of 300Ω for R2 would yield a Thevenin
equivalent characteristic impedance of 49.7Ω and a VOH
value of VDD -.88 volts, compatible with PECL circuits.
To set a value for VOL, we must determine a value for Iprg
that will cause the output FET’s to sink an appropriate current.
We desire VOL to be VDD -1.81 or greater. Setting up a sink
current of 19 milliamperes would guarantee this through our
output termination resistors. As this is controlled by
4/1 current mirror, 4.75mA into Iprg should set this current
properly. A 910Ω resistor from VDD to Iprg should work fine.
Line Receiver
The Line Receiver is a differential input pair designed to
interface directly to a standard fiber optic transceiver. It is a
differential PECL input buffer.
Signal Error Detector
The ICS1889 Signal Error Detector is part of the clock
recovery PLL. It detects a Receive Signal Error if no receive
signal is received and detects a PLL Lock Error if the PLL is
unable to lock on to the receive channel signal. A receive
channel error is defined as the loss of receive signal or the loss
of PLL lock.
Remote Fault Signaling
Remote fault signaling allows a node to indicate receive
channel errors to its Link Partner using its transmit channel.
When used by both nodes on a link segment, the integrity of
both the transmit and receive channels can be verified.
Since 100Base-FX systems do not use auto-negotiation, an
alternative, in-band signaling scheme is used to signal remote
fault conditions. This scheme, Far End Fault Indication, relies
on the characteristics of the quiescent state, (a continuous
IDLE stream). The IDLE stream is a continuous stream of
logic ones and a carrier is defined as the receipt of two
noncontiguous logic zeroes. A Far End Fault is signaled with
84 logic ones followed by one logic zero, with the pattern
repeated at least three times.
A Far End Fault will be signaled under three conditions; the
first is when no activity is received from the Link Partner,
since this can indicate a broken receive wire. The second is
when the clock recovery circuit detects a Receive Signal Error
or PLL Lock Error. The third is when a management entity
sets the Transmit Far End Fault bit (16:3).
Far End Fault signaling continues until the condition causing
the fault ceases.
Far End Fault Detection
The Far End Fault detector monitors the receive data serial bit
stream looking for a repetitive pattern of 84 logic ones
followed by a logic zero. Non-ICS1889 PHYs may have
different definitions of what constitutes a remote fault.
However, an ICS1889 will always respond to the in-band
error signaling scheme. If the ICS1889 detects three
consecutive patterns described above, it will signal a far end
fault to the Link Monitor.
Link Monitor
If the Link Monitor receives a far end fault indication or a
local receive channel error, it causes the ICS1889 to enter the
IDLE mode, isolate the MII and assert the Link Status bit in
the Status Register. Once the far end fault condition is de-
asserted, the Link Monitor will return to the Link OK
condition if the local receive channel is clear of errors. Once
detected, a receive channel error signal will be indicated from
330 to 1000 microseconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com