Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1889 Datasheet(PDF) 20 Page - Integrated Circuit Systems

Part # ICS1889
Description  100Base-FX Integrated PHYceiverTM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1889 Datasheet(HTML) 20 Page - Integrated Circuit Systems

Back Button ICS1889 Datasheet HTML 16Page - Integrated Circuit Systems ICS1889 Datasheet HTML 17Page - Integrated Circuit Systems ICS1889 Datasheet HTML 18Page - Integrated Circuit Systems ICS1889 Datasheet HTML 19Page - Integrated Circuit Systems ICS1889 Datasheet HTML 20Page - Integrated Circuit Systems ICS1889 Datasheet HTML 21Page - Integrated Circuit Systems ICS1889 Datasheet HTML 22Page - Integrated Circuit Systems ICS1889 Datasheet HTML 23Page - Integrated Circuit Systems ICS1889 Datasheet HTML 24Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
20
ICS1889
Receive Error (RXER)
The ICS1889 detects two types of receive errors, errors
occurring during the reception of valid frames and an error
condition known as false carrier detect. False carrier detect is
signaled so that repeater applications can prevent the
propagation of false carrier detection. RXER always
transitions synchronously with RXCLK.
The assertion of Receive Error (RXER) for one or more clock
periods during the period when RXDV is asserted (receiving
a frame) indicates that the ICS1889 has detected a read
channel error. There are three sources of read channel error
loss of receive signal, failure of the PLL to lock and invalid
symbol detection (including the HALT symbol). Timing
diagram xxx (RXER Timing Diagram) shows the relationship
of RXER to RXCLK, RXEN and receive channel error
conditions.
RXER may also be asserted when RXDV is de-asserted. The
ICS1889 will assert RXER and set RXD(3:0) to 1110 if a
false carrier is detected. For a good carrier to be detected, the
ICS1889 looks continuously at the incoming IDLE stream
(1111...) for two non-contiguous logic zeros and then checks
for the SSD of “JK.” In the event that two non-contiguous
logic zeroes are detected but the JK symbol pair is not, then a
false carrier condition is signaled and the IDLE condition is
reentered.
Carrier Sense (CRS)
The ICS1889 asserts Carrier Sense (CRS) when it detects that
receive channel is non-idle in the full duplex mode or when it
detects that either the receive or transmit channels are non-
idle in the half duplex mode. A receive channel non-idle
condition is detected by two non-contiguous zeros in any 10
bits (“IJ”). CRS is not synchronous to either the transmit or
receive clocks.
Collision Detected (COL)
The ICS1889 asserts Collision Detected (COL) when it
detects a receive carrier (non-idle) condition while
transmitting (TXEN asserted) in the half duplex mode. The
COL is not synchronous to either the transmit or receive
clocks. In full duplex mode, collision will be disabled.
Management Data Clock (MDC)
The Management Data Clock (MDC) is used by the ICS1889
to synchronize the transfer of management information to or
from the ICS1889. The ICS1889 requires minimum high and
low times of 160 ns and a minimum clock period of 400 ns.
Management Data Input/Output
The Management Data Input/Output (MDIO) is a tristate line
driven by station management to transfer command
information or driven by the ICS1889 to transfer status
information. All transfers and sampling are synchronous with
MDC. If the ICS1889 is to be used in an application which
uses the mechanical MII specification, MDIO must have a
pull-up at the ICS1889 end and a pull-down at the station
management end. This enables station management to
determine if the connection is intact.
Transmit and Receive Pin Descriptions
Transmit Pair (TX+ & TX-)
The Transmit pair TX+ and TX- carries the NRZI serial bit
stream for conversion to optical signals.
Receive Pair (RX+ & RX-)
The Receive pair RX+ and RX- carries the NRZI serial bit
stream from the optical converter.
Transmit Current Program (IPRG)
This pin is connected to a resistor and sets the current drive of
the transmitter.
Frequency Reference (REF_IN and REF_OUT)
A 25 MHz crystal oscillator or reference source should be fed
into the REF_IN input, while leaving REF-OUT not
connected.
Signal Detect (SD+ & SD-)
This PECL input pair provides a signal detect indication from
the optical transceiver. The ICS1889 will indicate a receive
channel error if this signal is de-asserted. A receive channel
error is also indicated if either a PLL lock error or a receive
signal error is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com