Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1889 Datasheet(PDF) 19 Page - Integrated Circuit Systems

Part # ICS1889
Description  100Base-FX Integrated PHYceiverTM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1889 Datasheet(HTML) 19 Page - Integrated Circuit Systems

Back Button ICS1889 Datasheet HTML 15Page - Integrated Circuit Systems ICS1889 Datasheet HTML 16Page - Integrated Circuit Systems ICS1889 Datasheet HTML 17Page - Integrated Circuit Systems ICS1889 Datasheet HTML 18Page - Integrated Circuit Systems ICS1889 Datasheet HTML 19Page - Integrated Circuit Systems ICS1889 Datasheet HTML 20Page - Integrated Circuit Systems ICS1889 Datasheet HTML 21Page - Integrated Circuit Systems ICS1889 Datasheet HTML 22Page - Integrated Circuit Systems ICS1889 Datasheet HTML 23Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
19
ICS1889
Transmit Data 0 TXD0
Transmit Data 0 (TXD0) is the least significant bit of the
transmit data nibble. TXD0 is sampled by the ICS1889
synchronously with the Transmit Data Clock when TXEN is
asserted. When TXEN is de-asserted the ICS1889 is
unaffected by the state of TXD0.
Transmit Error TXER
The assertion ofTransmit Error (TXER) for one or more clock
periods will cause the ICS1889 to emit one or more HALT
symbols. The signal is synchronous with TXCLK. In the
normal operating mode, a HALT symbol will be substituted
for the next nibble encoded. If the invalid error code test bit in
the Configuration Register is set (register 16, bit 2), TXER
becomes an additional input to the 4B5B encoder. This allows
the ICS1889 to send the full set of 32 symbols including the
invalid symbols. Table 1 shows the modified 4B5B encoding
in the test mode. A timing diagram for TXER is shown in
Figure xxx.
Receive Clock RXCLK
The Receive Clock (RXCLK) is sourced by the ICS1889.
There are two possible sources for the Receive Clock
(RXCLK). When a carrier is present on the receive pair, the
source is the recovered clock from the data stream. When no
carrier is present on the receive pair, the source is
synchronized to the transmit PLL. The IDLE symbol is sent
during periods of inactivity and the Recovered clock will be
selected.
The ICS1889 will only switch between clock sources when
Receive Data Valid (RXDV) is de-asserted. During the period
between Carrier Sense (CRS) being asserted and Receive
Data Valid being asserted, a clock phase change of up to 360
degrees may occur. Following the de-assertion of Receive
Data Valid a clock phase of 360 degrees may occur.
When Receive Data Valid is asserted, the Receive Clock
frequency is 25% of the data rate, 25 MHz. The minimum low
and high times of the clock are guaranteed to be 35% under all
conditions and the duty cycle between 35% and 65% except
during the clock transition conditions specified above. The
ICS1889 synchronizes Receive Data Valid, Received Data
and Receive Error with Receive Clock (RXCLK).
Receive Data Valid RXDV
Receive Data Valid (RXDV) is generated by the ICS1889. It
indicates that the ICS1889 is recovering and decoding data
nibbles on the Receive Data (RXD) data lines synchronous
with the Receive Data Clock (RXCLK). It is the responsibility
of the MAC to assemble nibbles into MAC frames since the
ICS1889 has no knowledge of the frame structure and is
merely a “nibble” processor. The ICS1889 asserts RXDV
when it detects a start of stream delimiter (SSD) and de-
asserts it following the last data nibble or upon detection of a
signal error. RXDV is synchronous with the Receive Data
Clock (RXCLK).
Receive Data RXD3
Receive Data 3 (RXD3) is the most significant bit of the
receive data nibble. RXD is sourced by the ICS1889. When
Receive Data Valid (RXDV) is asserted by the ICS1889, it
will transfer the fourth bit of the symbol synchronously with
Receive Clock (RXCLK).
Receive Data RXD2
Receive Data 2 (RXD2) is sourced by the ICS1889. When
Receive Data Valid (RXDV) is asserted by the ICS1889, it
will transfer the third bit of the symbol synchronously with
Receive Clock (RXCLK).
Receive Data RXD1
Receive Data 1 (RXD1) is sourced by the ICS1889. When
Receive Data Valid (RXDV) is asserted by the ICS1889, it
will transfer the second bit of the symbol synchronously with
Receive Clock (RXCLK).
Receive Data RXD0
Receive Data 0 (RXD0) is the least significant bit of the
receive data nibble. RXD0 is sourced by the ICS1889. When
Receive Data Valid (RXDV) is asserted by the ICS1889, it
will transfer the first bit of the symbol synchronously with
Receive Clock (RXCLK).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com