Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1889 Datasheet(PDF) 22 Page - Integrated Circuit Systems

Part # ICS1889
Description  100Base-FX Integrated PHYceiverTM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1889 Datasheet(HTML) 22 Page - Integrated Circuit Systems

Back Button ICS1889 Datasheet HTML 18Page - Integrated Circuit Systems ICS1889 Datasheet HTML 19Page - Integrated Circuit Systems ICS1889 Datasheet HTML 20Page - Integrated Circuit Systems ICS1889 Datasheet HTML 21Page - Integrated Circuit Systems ICS1889 Datasheet HTML 22Page - Integrated Circuit Systems ICS1889 Datasheet HTML 23Page - Integrated Circuit Systems ICS1889 Datasheet HTML 24Page - Integrated Circuit Systems ICS1889 Datasheet HTML 25Page - Integrated Circuit Systems ICS1889 Datasheet HTML 26Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
22
ICS1889
PIN
Signal
Meaning
PIN
Signal
Meaning
1
VDD
VDD (LEDs)
27
RXD1
Receive Data 1
2
NOD/REP
Node or Repeater Mode Selection
28
RXD0
Receive Data 0
3
TX–
Transmitted Data negative
29
RXDV
Receive Data Valid
4
TX+
Transmitted Data positive
30
RXCLK
Receive Clock
5
IPRG
Current program
31
RXER
Receive Error
6
VSS
VSS (Transmit Data)
32
VSS
VSS (MII I/O)
7
VSS
VSS
33
VDD
VDD (MII I/O)
8
RX+
Receive Data positive
34
TXER
Transmit Error
9
RX–
Receive Data negative
35
TXCLK
Transmit Clock
10
SD+
Signal Detect
36
TXEN
Transmit Enable
11
SD–
Signal Detect
37
TXD0
Transmit Data 0
12
N/C
No Connect
38
TXD1
Transmit Data 1
13
N/C
No Connect
39
TXD2
Transmit Data 2
14
VDD
VDD (Receive)
40
TXD3
Transmit Data 3
15
LSTA
Link Status
41
COL
Collision Detect
16
SYSR
System reset
42
CRS
Carrier Sense
17
PRIO
Priority
43
VSS
VSS (Transmit)
18
DPEN
Duplex Enable
44
REF_OUT
Frequency reference out
19
N/C
No Connect
45
REF_IN
Frequency reference in
20
N/C
No Connect
46
VDD
VDD (Transmit)
21
N/C
No Connect
47
VSS
VSS (LEDs)
22
VSS
VSS (Receive)
48
P0FD
Full duplex LED
23
MDIO
Management Data Input/Output
49
P1CL
Collision detect LED
24
MDC
Management Data Clock
50
P2LI
Link Integrity LED
25
RXD3
Receive Data 3
51
P3TD
Transmit data LED
26
RXD2
Receive Data 2
52
P4RD
Receive data LED
Pin Assignments
Packaging
Pin Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com