Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1889 Datasheet(PDF) 29 Page - Integrated Circuit Systems

Part # ICS1889
Description  100Base-FX Integrated PHYceiverTM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1889 Datasheet(HTML) 29 Page - Integrated Circuit Systems

Back Button ICS1889 Datasheet HTML 25Page - Integrated Circuit Systems ICS1889 Datasheet HTML 26Page - Integrated Circuit Systems ICS1889 Datasheet HTML 27Page - Integrated Circuit Systems ICS1889 Datasheet HTML 28Page - Integrated Circuit Systems ICS1889 Datasheet HTML 29Page - Integrated Circuit Systems ICS1889 Datasheet HTML 30Page - Integrated Circuit Systems ICS1889 Datasheet HTML 31Page - Integrated Circuit Systems ICS1889 Datasheet HTML 32Page - Integrated Circuit Systems ICS1889 Datasheet HTML 33Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
29
ICS1889
Clocks — Transmit Clock Tolerance
T#
PARAMETER (conditions)
MIN
TYP
MAX
UNITS
t 1
MDC Minimum High Time
160
——
ns
t 2
MDC Minimum Low Time
160
ns
t 3
MDC Period
400
ns
t 4
MDC rise to MDIO valid
0
300
ns
t 5
MDIO Setup to MDC
15
ns
t 6
MDIO Hold after MDC
0
ns
t 7
Maximum allowable frequency (50pF Loading)
20
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com