Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1889 Datasheet(PDF) 17 Page - Integrated Circuit Systems

Part # ICS1889
Description  100Base-FX Integrated PHYceiverTM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1889 Datasheet(HTML) 17 Page - Integrated Circuit Systems

Back Button ICS1889 Datasheet HTML 13Page - Integrated Circuit Systems ICS1889 Datasheet HTML 14Page - Integrated Circuit Systems ICS1889 Datasheet HTML 15Page - Integrated Circuit Systems ICS1889 Datasheet HTML 16Page - Integrated Circuit Systems ICS1889 Datasheet HTML 17Page - Integrated Circuit Systems ICS1889 Datasheet HTML 18Page - Integrated Circuit Systems ICS1889 Datasheet HTML 19Page - Integrated Circuit Systems ICS1889 Datasheet HTML 20Page - Integrated Circuit Systems ICS1889 Datasheet HTML 21Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
17
ICS1889
Data Rate (bit 15)
This bit is permanently set to a logic one indicating it only
operates at 100 Mbps.
Duplex (bit 14)
If set to a logic one, this bit indicates that the full duplex mode
has been selected. If set to a logic zero, it indicates that the
half duplex mode has been selected. It is initialized to logic
zero.
Reserved (bit 13)
This bit is reserved for ICS use. The value of this bit is
unspecified and may be a logic zero or one.
Reserved (bit 12)
This bit is reserved for ICS use. The value of this bit is
unspecified and may be a logic zero or one.
Reserved (bit 11)
This bit is reserved for ICS use. The value of this bit is
unspecified and may be a logic zero or one.
Receive Signal Error (bit 10)
If set to a logic one, the Receive Signal error bit indicates that
the ICS1889 read channel has at some point been unable to
detect the receive channel signal. This bit will remain set until
cleared by reading the contents of register 17. It is initialized
to logic zero.
PLL Lock Error (bit 9)
If set to a logic one, the loss of PLL lock (bit 9) indicates that
the ICS1889 read channel PLL has failed to lock on to the
read channel signal. This bit will remain set until cleared by
reading the contents of register 17. It is initialized to logic
zero.
False Carrier (bit 8)
If set to a logic one, the false carrier (bit 8) indicates that the
ICS1889 has detected a false carrier sometime since this bit
was last reset. This bit will remain set until cleared by reading
the contents of register 17. It is initialized to logic zero.
Invalid Symbol (bit 7)
If set to a logic one, the invalid symbol (bit 7) indicates that an
invalid symbol has been detected in a received frame since the
bit was last reset. This bit will remain set until cleared by
reading the contents of register 17. It is initialized to logic
zero.
Halt Symbol (bit 6)
If set to a logic one, the halt symbol (bit 6) indicates that the
ICS1889 has detected the halt symbol in a frame since bit 11
was last reset. This bit will remain set until cleared by reading
the contents of register 17. It is initialized to logic zero.
Premature End (bit 5)
This bit is normally a logic zero indicating normal data
streams. If two IDLE symbols are detected during the
reception of a receive data stream, this bit is set to a logic one
and the ICS1889 returns to the idle state This bit is initialized
to a logic zero.
Reserved (bit 4)
This bit is reserved for ICS use. The value of this bit is
unspecified and may be a logic zero or one.
Reserved (bit 3)
This bit is reserved for ICS use. The value of this bit is
unspecified and may be a logic zero or one.
Priority Pin State (bit 2)
This bit reflects the setting of the Priority Pin (pin 17). When
this bit is a logic zero, duplex mode is controlled by the
Duplex Enable pin (pin 18). When this bit is a logic one,
duplex mode is controlled by the Duplex Mode bit (0:8).
Remote Fault (bit 1)
This is a copy of the Remote Fault bit of the Status Register
(register 1).
Link Status (bit 0)
This is a copy of the Link Status bit of the Status Register
(register 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com