Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1889 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS1889
Description  100Base-FX Integrated PHYceiverTM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1889 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS1889 Datasheet HTML 1Page - Integrated Circuit Systems ICS1889 Datasheet HTML 2Page - Integrated Circuit Systems ICS1889 Datasheet HTML 3Page - Integrated Circuit Systems ICS1889 Datasheet HTML 4Page - Integrated Circuit Systems ICS1889 Datasheet HTML 5Page - Integrated Circuit Systems ICS1889 Datasheet HTML 6Page - Integrated Circuit Systems ICS1889 Datasheet HTML 7Page - Integrated Circuit Systems ICS1889 Datasheet HTML 8Page - Integrated Circuit Systems ICS1889 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5
ICS1889
4B/5B Encoder/Decoder
The ICS1889 uses a 4B5B coding scheme. This maps a 4-bit
nibble to a 5-bit code group called a symbol. Five bits allow
32 possible symbols, 16 are used for data encoding, 6 are used
for control and 10 are not used and are invalid. The control
symbols used are “JK” as the SSD, “TR” as the ESD, “I” as
the IDLE symbol and “H” to signal an error. All other
symbols are invalid and, if detected, will set the receive error
bit in the status register, and cause the RXER signal to be
asserted (see Table 1 below).
When transmitting, nibbles from the MII are converted to a 5-
bit code groups. During transmission, the first 16 nibbles
obtained from the MII are the MAC frame preamble.
The ICS1889 replaces the first two nibbles with the start-of-
stream delimiter (the “JK” symbol pair). Following the last
nibble, the ICS1889 adds the end-of-stream delimiter (the
“TR” symbol pair).
When receiving, 5-bit code groups are converted to nibbles
and presented to the MII. If the ICS1889 detects one or more
invalid symbols, it sets the Invalid Symbol bit (17:7) in the
QuickPoll Status Register. When receiving a frame, the first
two 5-bit code groups received are the start-of-stream
delimiter (the “JK” symbol pair), the ICS1889 strips them
and substitutes two nibbles of the normal preamble pattern.
The last two 5-bit code groups are the end-of-stream delimiter
(the “TR” symbol pair), these are stripped from the nibbles
presented to the MAC.
1. The IDLE symbol is sent continuously between frames.
2. J and K are the SSD and are always sent in pairs.
3. K always follows J.
4. T and R are the ESD and are always sent in pairs.
5. R always follows T.
6. A HALT symbol is used to signal an error condition.
Table 1: 4B5B Encoding
Symbol
Meaning
4B Code
3 2 1 0
5B Code
4 3 2 1 0
Symbol
Meaning
4B Code
3 2 1 0
5B Code
4 3 2 1 0
0
Data 0
0 0 0 0
1 1 1 1 0
8
Data 8
1 0 0 0
1 0 0 1 0
1
Data 1
0 0 0 1
0 1 0 0 1
9
Data 9
1 0 0 1
1 0 0 1 1
2
Data 2
0 0 1 0
1 0 1 0 0
A
Data A
1 0 1 0
1 0 1 1 0
3
Data 3
0 0 1 1
1 0 1 0 1
B
Data B
1 0 1 1
1 0 1 1 1
4
Data 4
0 1 0 0
0 1 0 1 0
C
Data C
1 1 0 0
1 1 0 1 0
5
Data 5
0 1 0 1
0 1 0 1 1
D
Data D
1 1 0 1
1 1 0 1 1
6
Data 6
0 1 1 0
0 1 1 1 0
E
Data E
1 1 1 0
1 1 1 0 0
7
Data 7
0 1 1 1
0 1 1 1 1
F
Data F
1 1 1 1
1 1 1 0 1
I
Idle
Undefined
1 1 1 1 1
V
Invalid
Undefined
0 0 0 1 0
J
SSD
0 1 0 1
1 1 0 0 0
V
Invalid
Undefined
0 0 0 1 1
K
SSD
0 1 0 1
1 0 0 0 1
V
Invalid
Undefined
0 0 1 0 1
T
ESD
Undefined
0 1 1 0 1
V
Invalid
Undefined
0 0 1 1 0
R
ESD
Undefined
0 0 1 1 1
V
Invalid
Undefined
0 1 0 0 0
H
Error
Undefined
0 0 1 0 0
V
Invalid
Undefined
0 1 1 0 0
V
Invalid
Undefined
0 0 0 0 0
V
Invalid
Undefined
1 0 0 0 0
V
Invalid
Undefined
0 0 0 0 1
V
Invalid
Undefined
1 1 0 0 1
Invalid Error Code Test
TXER asserted
I
Idle
1 1 1 1
1 1 1 1 1
V
Invalid
0 0 1 0
0 0 0 1 0
J
SSD
1 1 1 0
1 1 0 0 0
V
Invalid
0 0 1 1
0 0 0 1 1
K
SSD
1 0 1 1
1 0 0 0 1
V
Invalid
0 1 0 1
0 0 1 0 1
T
ESD
1 0 0 1
0 1 1 0 1
V
Invalid
0 1 1 0
0 0 1 1 0
R
ESD
0 1 1 1
0 0 1 1 1
V
Invalid
1 0 0 0
0 1 0 0 0
H
Error
0 1 0 0
0 0 1 0 0
V
Invalid
1 0 1 0
0 1 1 0 0
V
Invalid
0 0 0 0
0 0 0 0 0
V
Invalid
1 1 0 0
1 0 0 0 0
V
Invalid
0 0 0 1
0 0 0 0 1
V
Invalid
1 1 0 1
1 1 0 0 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com