Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1889 Datasheet(PDF) 24 Page - Integrated Circuit Systems

Part # ICS1889
Description  100Base-FX Integrated PHYceiverTM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1889 Datasheet(HTML) 24 Page - Integrated Circuit Systems

Back Button ICS1889 Datasheet HTML 20Page - Integrated Circuit Systems ICS1889 Datasheet HTML 21Page - Integrated Circuit Systems ICS1889 Datasheet HTML 22Page - Integrated Circuit Systems ICS1889 Datasheet HTML 23Page - Integrated Circuit Systems ICS1889 Datasheet HTML 24Page - Integrated Circuit Systems ICS1889 Datasheet HTML 25Page - Integrated Circuit Systems ICS1889 Datasheet HTML 26Page - Integrated Circuit Systems ICS1889 Datasheet HTML 27Page - Integrated Circuit Systems ICS1889 Datasheet HTML 28Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
24
ICS1889
Absolute Maximum Ratings
VDD (measured to VSS) . . . . . . . . . . . . . . . . . 7.0 V
Digital Inputs/Outputs . . . . . . . . . . . . . . . . . VSS – 0.5V to VDD + 0.5V
Ambient Operating Temperature . . . . . . . . . – 55°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . – 65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . 175°C
Soldering Temperature . . . . . . . . . . . . . . . . . 265°C
Recommended Operating Conditions
Stresses above those listed under Absolute Maximum Ratings above may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those listed in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product
reliability.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
Ambient Operating Temp.
TA
0+70
ºC
Using a Positive Supply
VSS
VDD
0.0
+4.75
0.0
+5.25
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com