Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1889 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS1889
Description  100Base-FX Integrated PHYceiverTM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1889 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS1889 Datasheet HTML 1Page - Integrated Circuit Systems ICS1889 Datasheet HTML 2Page - Integrated Circuit Systems ICS1889 Datasheet HTML 3Page - Integrated Circuit Systems ICS1889 Datasheet HTML 4Page - Integrated Circuit Systems ICS1889 Datasheet HTML 5Page - Integrated Circuit Systems ICS1889 Datasheet HTML 6Page - Integrated Circuit Systems ICS1889 Datasheet HTML 7Page - Integrated Circuit Systems ICS1889 Datasheet HTML 8Page - Integrated Circuit Systems ICS1889 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS1889
Block Diagram
PHYceiver and QuickPoll are trademarks of Integrated Circuit Systems, Inc.
100Base-FX Integrated PHYceiverTM
ICS1889RevF092497P
•
One chip integrated physical layer
•
All CMOS, low power design
•
ISO/IEC 8802-3 CSMA/CD compliant
•
100Base-FX Half & Full Duplex
•
Far end fault detection
•
Media Independent Interface (MII)
•
Station management interface
•
Extended register set including QuickPollTM detailed
status monitoring
•
Transmit clock synthesis
•
Receive clock and data recovery
•
Detailed receive error reporting
•
Extended Test Modes
•
52-pin MQFP package with 2.0 mil body thickness
The ICS1889 is a fully integrated physical layer device
supporting 100 Megabits per second CSMA/CD Fast
Ethernet fiber optic applications. It is designed to support
the requirements of DTEs (adapter cards), repeaters and
switches. It is compliant with the ISO/IEC 8802 Fast
Ethernet standard for 100Base-FX. It provides a Media
Independent Interface (MII) allowing direct chip-to-chip
connection, motherboard-to-daughter board connection or
connection via a cable in a similar manner to the AUI
approach used with 10Base-Tsystems. A station
management interface is provided to receive command
information and send status information. It transmits and
receives NRZI data and interfaces directly to the optical
transceiver. It can operate in either half duplex or full
duplex.


Similar Part No. - ICS1889

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1886 ICST-ICS1886 Datasheet
726Kb / 10P
FDDI / Fast Ethernet PHYceiverTM
RevC120996
ICS1886M ICST-ICS1886M Datasheet
726Kb / 10P
FDDI / Fast Ethernet PHYceiverTM
RevC120996
ICS1887 ICST-ICS1887 Datasheet
536Kb / 14P
FDDI / Fast Ethernet PHYceiverTM
RevF112596
ICS1887M ICST-ICS1887M Datasheet
536Kb / 14P
FDDI / Fast Ethernet PHYceiverTM
RevF112596
More results

Similar Description - ICS1889

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP112 ETC-TP112 Datasheet
114Kb / 8P
100Base-TX/FX Converter
logo
Integrated Circuit Syst...
ICS1893AF ICST-ICS1893AF Datasheet
170Kb / 12P
3.3V 10Base-T/100Base-TX Integrated PHYceiverTM
logo
ASIX Electronics Corpor...
AX88850 ASIX-AX88850 Datasheet
420Kb / 39P
100BASE-TX/FX Repeater Controller
logo
Micrel Semiconductor
KSZ8863MLL MICREL-KSZ8863MLL Datasheet
64Kb / 2P
Integrated 10/100BASE-T/TX/FX 3-Port Switch
KSZ8873MLL MICREL-KSZ8873MLL Datasheet
65Kb / 2P
Integrated 10/100BASE-T/TX/FX 3-Port Switch
logo
Level One
FVT-2002 LVL1-FVT-2002 Datasheet
650Kb / 4P
10/100BASE-TX to 100BASE-FX MMF ST Converter,
logo
Source Photonics, Inc.
SP-FE-FX-XDFM SOURCE-SP-FE-FX-XDFM Datasheet
330Kb / 9P
125M 100BASE-FX application
logo
Axiomtek Co., Ltd.
EL100 AXIOMTEK-EL100 Datasheet
542Kb / 3P
10/100BASE-TX to 100BASE-FX Media Converter
logo
Micrel Semiconductor
KSZ8041TL MICREL-KSZ8041TL_09 Datasheet
436Kb / 65P
10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
logo
ATGBICS by Approved Tec...
100BASE-FX-MM-SFP-C ATGBICS-100BASE-FX-MM-SFP-C Datasheet
340Kb / 10P
100BASE-FX-MM-SFP Huawei Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com