Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1889 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS1889
Description  100Base-FX Integrated PHYceiverTM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1889 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS1889 Datasheet HTML 3Page - Integrated Circuit Systems ICS1889 Datasheet HTML 4Page - Integrated Circuit Systems ICS1889 Datasheet HTML 5Page - Integrated Circuit Systems ICS1889 Datasheet HTML 6Page - Integrated Circuit Systems ICS1889 Datasheet HTML 7Page - Integrated Circuit Systems ICS1889 Datasheet HTML 8Page - Integrated Circuit Systems ICS1889 Datasheet HTML 9Page - Integrated Circuit Systems ICS1889 Datasheet HTML 10Page - Integrated Circuit Systems ICS1889 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
7
ICS1889
Management Interface
The ICS1889 provides a management interface to connect to
a management entity. The two wire serial interface is part of
the MII and is described in the MII section. The interface
allows the transport of status information from the ICS1889
to the management entity and the transport of command
words to the ICS1889. It includes a register set, a frame
format, and a protocol.
Management Register Set
The register set includes the mandatory basic control and
status registers and an extended set. The ICS1889 implements
the following registers.
Control
(register 0)
Status
(register 1)
PHY Identifier
(register 2)
PHY Identifier
(register 3)
Extended Control
(register 16)
QuickPoll Status
(register 17)
Management Frame Structure
The management interface uses a serial bit stream with a
specified frame structure and protocol as defined below.
Preamble
11...11
(32 ones)
SOF
01
Op Code
10 (read), 01 (write)
Address
AAAAA
(5 bits)
Register
RRRRR
(5 bits)
TA
NN
(2 bits)
Data
DD...DD
(16 bits)
Idle
Zo
high impedance
Preamble
The ICS1889 looks for a pattern of 32 logic ones followed by
the SOF delimiter before responding to a transaction.
Start of Frame
Following the preamble a start of frame delimiter of zero-one
initiates a transaction.
Operation Code
The valid codes are 10 for a read operation and 01 for a write
operation. Other codes are ignored.
Address
There may be up to 32 PHYs attached to the MII. This 5 bit
address is compared to the internal address of the ICS1889, as
set by the P[0...4]* pins, for a match.
Register Address
The ICS1889 uses this field to select one of the registers
within the set. If a nonexistent register is specified, the
ICS1889 ignores the command.
TA
This 2-bit field is used by the ICS1889 to avoid contention
during read transactions. When writing to the ICS1889, the
TA bits should be set to 10. When reading from the ICS1889,
the device will tristate during this time.
Data
This is a 16-bit field with bit 15 being the first bit sent or
received.
Idle
The ICS1889 is in the high impedance state during the idle
condition.
Register Access Rules
RO
–
Read Only, writes ignored
CW
–
Command Override Writable
RW/0
–
Read/Write only logic zero
RW
–
Read/Write
Four types of register access are supported by the device.
Read Only (RO) bits may be read, but writes are ignored.
Command Override Writable (CW) bits may be read, but
writes are ignored unless preceded by writing a logic one to
the Command Register Override bit (16:15). Read Write Zero
(RW/0) bits may be read, but must only be written with a logic
zero value. Writing a logic one to this type of bit may prevent
the device from operating normally. Read Write (RW) bits
may be read and may be written to any value.
Default Values
—
–
No default value
0
–
Default to logic zero
1
–
Default to logic one
Pin
–
Default depends on the state of
the named pin
Modifier
SC
–
Self Clearing
LL
–
Latching Low
LH
–
Latching High
Self clearing bits will clear without any further writes after a
specified amount of time. Latching bits are used to capture an
event. To obtain the current status of a latching bit, the bit
must be read twice in succession. If the special condition still
persists, the bit will be the same on the second read;
otherwise, the condition indication will not be present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com